전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC832LP6GETR 데이터시트(PDF) 47 Page - Analog Devices

부품명 HMC832LP6GETR
상세설명  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR 데이터시트(HTML) 47 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 41Page - Analog Devices HMC832LP6GETR Datasheet HTML 42Page - Analog Devices HMC832LP6GETR Datasheet HTML 43Page - Analog Devices HMC832LP6GETR Datasheet HTML 44Page - Analog Devices HMC832LP6GETR Datasheet HTML 45Page - Analog Devices HMC832LP6GETR Datasheet HTML 46Page - Analog Devices HMC832LP6GETR Datasheet HTML 47Page - Analog Devices HMC832LP6GETR Datasheet HTML 48Page - Analog Devices HMC832LP6GETR Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
HMC832
Data Sheet
Rev. A | Page 46 of 48
EVALUATION PRINTED CIRCUIT BOARD (PCB)
Figure 53. Silk Screen and PCB Traces Top Layer
Figure 54. Silk Screen and PCB Traces Bottom Layer
The circuit board used in the application uses RF circuit design
techniques. Signal lines have 50 Ω impedance whereas the
package ground leads and exposed paddle are connected
directly to the ground plane similar to that shown in Figure 53
and Figure 54. Use a sufficient number of via holes to connect
the top and bottom ground planes. The evaluation circuit board
shown Figure 53 and Figure 54 is available from Analog Devices
upon request.
CHANGING EVALUATION BOARD REFERENCE
FREQUENCY AND CP CURRENT CONFIGURATION
The evaluation board is provided with a 50 MHz on board
reference oscillator, and Type 1 loop filter configuration, as
shown in Figure 52 (~127 kHz bandwidth, see Table 12).
The default register configuration file included in the Analog
Devices PLL evaluation software sets the comparison frequency
to 50 MHz (R = 1, that is, Register 0x02 = 1).
As with all PLLs and PLL with integrated VCOs, modifying the
comparison frequency or charge pump (CP) current results in
changes to the loop dynamics and ultimately, phase noise
performance. When making these changes there are several
items to keep in mind:
CP offset current setting: refer to the Charge Pump (CP)
and Phase Detector (PD) section.
LD configuration: refer to the Lock Detect section.
To redesign the loop filter for a particular application,
download the PLL design software tool by clicking on the
software download link on the HMC832 product page. Analog
Devices PLL design enables users to accurately model and
analyze performance of all Analog Devices PLLs, PLLs with
integrated VCOs, and clock generators. It supports various loop
filter topologies, and enables users to design custom loop filters
and accurately simulate resulting performance. For more
information, see the Loop Filter and Frequency Changes
section.
For evaluation purposes, the HMC832 evaluation board is
shipped with an on-board, low cost, low noise (100 ppm),
50 MHz VCXO, enabling evaluation of most parameters
including phase noise without any external references.
Exact phase or frequency measurements require the HMC832
to use the same reference as the measuring instrument. To
accommodate this requirement, the HMC832 evaluation board
includes the HMC1031MS8E; a simple low current integer-N
PLL that can lock the on-board VCXO to an external 10 MHz
reference input commonly provided by most test equipment. To
lock the HMC832 to an external 10 MHz reference, connect the
external reference output to the J5 input of the HMC832 evaluation
board and change the HMC1031MS8E integer divider value to
5 by changing the switch settings, D1 = 1 (SW1 to SW4 closed),
and D0 = 0 (SW2 to SW3 open), for more information see the
HMC1031MS8E data sheet.
EVALUATION KIT CONTENTS
The evaluation kit contains one HMC832LP6GE evaluation
PCB, a USB interface board, a six-foot USB A-male to USB
B-female cable, a CD ROM that contains the user manual,
evaluation PCB schematic, evaluation software, and Analog
Devices PLL design software. To order the evaluation kit, see
the Ordering Guide section for the product number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com