| 전자부품 데이터시트 검색엔진 |
|
RHT-2-I-2-O/A 데이터시트(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
RHT-2-I-2-O/A 데이터시트(HTML) 2 Page - Amphenol Corporation |
|
2 / 8 page ![]() 2 Sensor Enclosure The relative humidity and temperature sensors are housed in heavy duty, compact, locking enclosures. Enclosures may be removed and painted, which further helps blend them into any environment. Sensor The RH sensor incorporates a bulk polymer resistive element. The polymer is impervious to most contaminants and, since it is a bulk resistance device, surface contamination such as dust will not alter the accuracy of the readings. Imbedded in the polymer is an interdigitated grid which senses resistance change as the polymer absorbs or emits molecules of water. Transmitter The electronics are contained in a rugged pressure- cast aluminum weatherproof housing designed for maximum protection. Continuous temperature compensation adjusts for temperature-induced change in the RH sensor output. The compensation provides high measurement accuracy over the entire operating range of the instrument. Mounting Template RH and RHT Duct Mount RH/RHT Series Specifications |