| 전자부품 데이터시트 검색엔진 |
|
LM79M12CT 데이터시트(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM79M12CT 데이터시트(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 8 page ![]() Typical Applications (Continued) Performance (Typical) (−15) (+15) Load Regulation at 0.5A 40mV 2 mV Output Ripple, C IN = 3000µF, IL = 0.5A 100 µVrms 100 µVrms Temperature Stability 50mV 50mV Output Noise 10Hz ≤ f ≤ 10kHz 150 µVrms 150 µVrms ±15V, 1 Amp Tracking Regulators DS010483-1 *Resistor tolerance of R4 and R5 determine matching of (+) and (−) outputs. **Necessary only if raw supply filter capacitors are more than 3" from regulators. Dual Trimmed Supply DS010483-4 www.national.com 7 |