| 전자부품 데이터시트 검색엔진 |
|
SF1205X221SBNET 데이터시트(PDF) 6 Page - API Technologies Corp |
|
|
|||||||||||||||||||||||||||||
SF1205X221SBNET 데이터시트(HTML) 6 Page - API Technologies Corp |
|
6 / 6 page ![]() API TECHNOLOGIES • 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com API TECHNOLOGIES’ SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58 SM7 D1 C C1 C2 W B A E F T1 T Package Information PaperTapeDimensions SF0805andSF1205Bodies Package Quantities Dimensions in inches (mm) D1 C C1 C2 W B A øD Center hole E F T1 T Package Information TapeandReelSpecification PlasticCarrierTapeDimensions SF1806Body Dimensions in inches (mm) Dimensions in inches (mm) ChipCavity Tape Holes HoleDiameter Thickness Body Center Indexing Center Indexing Indexingto Style/ Length Width Width toEnd toEnd toCenter toCenter Indexing Center Indexing Overall Tape Size AB W F E C C1 C2 D(Min.) D1 T(Max.) T1(Max.) 0.071 0.185 0.472 0.217 0.069 0.157 0.079 0.157 0.059 0.059 0.098 0.024 SF1806 +/-0.008 +/-0.008 +/-0.008 +/-0.002 +/-0.004 +/-0.004 +/-0.004 +/-0.008 +0.004/-0 (1.80 +/-0.2) (4.70 +/-0.2) (12.0 +/-0.2) (5.5 +/-0.05) (1.75 +/-0.1) (4.0 +/-0.1) (2.0 +/-0.1) (4.0 +/-0.1) (1.5) (1.5 +0.1/-0) (2.5) (0.6) Plastic Reel Dimensions Surface Mount EMI Filters Three Terminal Chips Soldering Specifications BodyStyle/Size TapeandReel SF0603 4,000 units/reel SF0805 4,000 units/reel SF1205 4,000 units/reel SF1806 2,000 units/reel ChipCavity Tape Holes HoleDiameter Thickness Body Center Indexing Center Indexing Indexingto Carrier Style/ Length Width Width toEnd toEnd toCenter toCenter Indexing Indexing Overall Tape Size AB W F E C C1 C2 D1 T(Max.) T1(Max.) 0.039 0.075 0.315 0.138 0.069 0.157 0.079 0.157 0.059 0.043 0.039 SF0603 +/-0.00? +/-0.00? +/-0.012 +/-0.002 +/-0.004 +/-0.004 +/-0.004 +/-0.008 +0.004/-0 (1.0 +/-0.?) (1.9+/-0.?) (8.0 +/-0.3) (3.5 +/-0.05) (1.75 +/-0.1) (4.0 +/-0.1) (2.0 +/-0.1) (4.0 +/-0.1) (1.5 +0.1/-0) (1.1) (1.0) 0.064 0.091 0.315 0.138 0.069 0.157 0.079 0.157 0.059 0.043 0.039 SF0805 +/-0.008 +/-0.008 +/-0.012 +/-0.002 +/-0.004 +/-0.004 +/-0.004 +/-0.008 +0.004/-0 (1.62 +/-0.2) (2.3 +/-0.2) (8.0 +/-0.3) (3.5 +/-0.05) (1.75 +/-0.1) (4.0 +/-0.1) (2.0 +/-0.1) (4.0 +/-0.1) (1.5 +0.1/-0) (1.1) (1.0) 0.067 0.138 0.315 0.138 0.069 0.157 0.079 0.157 0.059 0.043 0.039 SF1205 +/-0.008 +/-0.008 +/-0.012 +/-0.002 +/-0.004 +/-0.004 +/-0.004 +/-0.008 +0.004/-0 (1.70 +/-0.2) (3.5 +/-0.2) (8.0 +/-0.3) (3.5 +/-0.05) (1.75 +/-0.1) (4.0 +/-0.1) (2.0 +/-0.1) (4.0 +/-0.1) (1.5 +0.1/-0) (1.1) (1.0) BodyStyle/Size Diameter(Max.) Width(Max.) SF0603 7.00 (180) 0.46 (11.5) SF0805 7.00 (180) 0.46 (11.5) SF1205 7.00 (180) 0.46 (11.5) SF1806 7.00 (180) 0.61 (11.5) |