전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1403000000 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 1403000000
상세설명  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

1403000000 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  1403000000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
We have attempted to present the information about our enclosures in this
catalog in a straight-forward manner. We offer this information as accurate at
the time of publication. Specifications are subject to change without notice.
Rose
+Bopla is not responsible for inadvertent errors.
©2007 Phoenix Mecano Inc., Frederick, MD 21704
Phoenix Mecano Inc. is ISO 9001:2000 Certified.
Rose
+Bopla, the enclosure companies of Phoenix
Mecano AG, an international corporation based in
Switzerland, has developed a broad range of
products for industrial applications. The North
American operation is located in Frederick,
Maryland.
The Rose division manufactures an extensive line
of off-the-shelf and custom enclosures,
machine control enclosures and suspen-
sion arm systems suited for industrial
applications and harsh environments
in a variety of materials including:
cast and extruded aluminum; stain-
less steel; compression molded fiber-
glass and polyamide; and injection
molded polycarbonate and ABS plastic.
Bopla produces a diverse line of modular
tabletop, instrumentation, hand-held and wall-
mountable plastic enclosures designed to meet
today's demands for aesthetic electronic packaging.
Rose
+Bopla adheres to DIN Standards in the
manufacture of high quality components, and we
offer a wide variety of added value services for
customizing our products. At our Maryland facility
in the US we operate a machine shop for modifying
and building product, complete with CNC
Machining Centers, powder coat and wet painting
operations, as well as silk screening, engraving,
and assembly services. In addition, our engineering
personnel are available to assist in the design or
customization of your product. We employ
advanced manufacturing techniques and strict
quality control methods. Meticulous internal controls
built into our Quality system ensure that every
Rose
+Bopla enclosure meets critical quality standards.
Our workmanship is unsurpassed in the industry.
Let Rose
+Bopla be your partner for
standard or customized enclosures.
We are Dedicated to
Achieving Customer
Satisfaction Through
Continuous
Improvement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More