전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F2912 데이터시트(PDF) 21 Page - Integrated Device Technology

부품명 F2912
상세설명  High Reliability SP2T RF Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

F2912 데이터시트(HTML) 21 Page - Integrated Device Technology

Back Button F2912 Datasheet HTML 15Page - Integrated Device Technology F2912 Datasheet HTML 16Page - Integrated Device Technology F2912 Datasheet HTML 17Page - Integrated Device Technology F2912 Datasheet HTML 18Page - Integrated Device Technology F2912 Datasheet HTML 19Page - Integrated Device Technology F2912 Datasheet HTML 20Page - Integrated Device Technology F2912 Datasheet HTML 21Page - Integrated Device Technology F2912 Datasheet HTML 22Page - Integrated Device Technology F2912 Datasheet HTML 23Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
F2912
F2912, Rev 3, 04/01/2016
21
High Reliability SP2T RF Switch
APPLICATIONS INFORMATION
Default Start-up
Control pins include no internal pull-down resistors to logic LOW or pull-up resistors to logic HIGH. Upon
start-up, all control pins should be set to logic LOW (0) thereby enabling 2 pin switch control, opening both
RF1 and RF2 paths, and setting logic control voltage to 3.3 V (see above tables for LOW logic states).
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be
bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure
and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should
have a slew rate smaller than 1 V / 20 uS. In addition, all control pins should remain at 0 V (+/-0.3 V) while
the supply voltage ramps or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot,
ringing, etc., the following circuit at the input of each control pin is recommended. This applies to control pins
16, 17, 18, and 19 as shown below.
16
17
18
19
20
1
4
3
2
5
11
6
7
8
9
10
15
12
13
14
50
Ω
50
Ω
50
Ω
Control
Circuit
CTL2
5Kohm
2pf
5Kohm
2pf
CTL1
5Kohm
2pf
LogicCTL
5Kohm
2pf
ModeCTL
Pin Compatibility
The F2912 switch is compatible with other supplier parts which only support two wire control and 3 volt logic.
Other suppliers’ parts with limited functionality have pins 18 and 19 grounded. Grounding pins 18 and 19 on
the F2912 will make it fully compatible with the other products.
Per Table 3 when pin 19 is grounded, the F2912 is set for 2-wire control.
Per Table 4 when pin 18 is grounded, the F2912 is set for 3.3 volt control logic. JEDEC 3.3 volt logic
(JESD8C.01) allows logic high to be as low as 2.7 volts which the F2912 supports.
Contact your IDT representative for more information about compatibility with other suppliers’ products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com