| 전자부품 데이터시트 검색엔진 |
|
RI3-1505S 데이터시트(PDF) 2 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
RI3-1505S 데이터시트(HTML) 2 Page - Recom International Power |
|
2 / 5 page ![]() DC/DC Converter BASIC CHARACTERISTICS Parameter Condition Min. Typ. Max. Input Voltage Range -10% +10% Operating Frequency nominal Vin 20kHz 40kHz Minimum Load (3) 0% Output Ripple and Noise (4) 20MHz BW 50mVp-p 100mVp-p ECO-2 REV.: 0/2016 www.recom-power.com REGULATIONS Parameter Condition Values Output Voltage Accuracy 5Vout all other 3% min. / ±4% typ. 2% min. / ±3% typ. Line Voltage Regulation low line to high line, load @1% of Vin ±1.2% max. Load Voltage Regulation 10% to 100% load 5Vout all other ±8% typ. / ±10% max. ±6% typ. / ±10% max. continued on next page RI3 Series Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified) Efficiency vs. Load 0505 0509 0512 0515 1205 1209 1212 1215 1505 1509 1512 1515 2405 2409 2412 2415 Output Load [%] 0 0 20 40 60 80 100 20 40 60 80 100 Output Load [%] 0 0 20 40 60 80 100 20 40 60 80 100 Output Load [%] 0 0 20 40 60 80 100 20 40 60 80 100 Output Load [%] 0 0 20 40 60 80 100 20 40 60 80 100 RI3-05xxS RI3-15xxS RI3-12xxS RI3-24xxS Notes: Note3: Operation below no load won‘t harm the converter, but specifications may not be met. Note4: Measurements are made with a 100nF MLCC across output. (low ESR). |