전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0809082000 데이터시트(PDF) 95 Page - List of Unclassifed Manufacturers

부품명 0809082000
상세설명  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 데이터시트(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 92Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 93Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 94Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 95Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 96Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 97Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 98Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 164 page
background image
Part
Number
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
93
34111511 00
34122511 00
34133512 00
34133511 00
34155512 00
34155511 00
34155582 00
34155581 00
34155592 00
34155591 00
34165512 00
34165511 00
34165582 00
34165581 00
34165592 00
34165591 00
34186512 00
34186511 00
34186582 00
34186581 00
34186592 00
34186591 00
• Ergonomic handheld enclosure made of durable ABS plastic
• Design concept spanning 6 sizes in numerous combinations with end caps in black
and 6 colors
• All sizes are membrane keypad ready
• Battery compartments with integrated front panels to prevent contact with other
built-in components
ARTEB 115 / 225 / 335 / 555 / 655 / 865
Included in delivery
ART 115: Lid and base, screw, screw cover
ART 225, 335: Lid and base
ART 555, 655, 865: Lids and bases including tool
operated snap locks for caps
Please order end caps separately.
Technical Data
Material
Color
Ingress Protection
Flammability
Temperature Resistance
ABS
Agate gray, similar to RAL 7038. Special colors available. Minimum order quantities apply.
ART 115: IP 40/DIN EN 60529; ART 225 up to 865, IP 40/DIN EN 60529, can be increased
to IP 65/DIN EN 60529 with set of seals ART..DI
UL 94 HB/1.6
-58°F to +158°F
Model
Number
Dimensions
mm
Dimensions
Inches
L x W x H
L x W x H
ART 115 F
ART 225 F
ART 335 DIS
ART 335 F
ART 555 DIS
ART 555 F
ART 555 DIS with BE 30
ART 555 F with BE 30
ART 555 DIS with BE 60
ART 555 F with BE 60
ART 655 DIS
ART 655 F
ART 655 DIS with BE 30
ART 655 F with BE 30
ART 655 DIS with BE 60
ART 655 F with BE 60
ART 865 DIS
ART 865 F
ART 865 DIS with BE 30
ART 865 F with BE 30
ART 865 DIS with BE 60
ART 865 F with BE 60
78 x 45 x 18
98 x 55 x 20
130 x 75 x 26
130 x 75 x 26
165 x 92 x 30
165 x 92 x 30
165 x 92 x 30
165 x 92 x 30
165 x 92 x 30
165 x 92 x 30
204 x 110 x 41
204 x 110 x 41
204 x 110 x 41
204 x 110 x 41
204 x 110 x 41
204 x 110 x 41
236 x 125 x 41
236 x 125 x 41
236 x 125 x 41
236 x 125 x 41
236 x 125 x 41
236 x 125 x 41
3.07 x 1.77 x 0.71
3.86 x 2.16 x 0.79
5.12 x 2.95 x 1.02
5.12 x 2.95 x 1.02
6.50 x 3.62 x 1.18
6.50 x 3.62 x 1.18
6.50 x 3.62 x 1.18
6.50 x 3.62 x 1.18
6.50 x 3.62 x 1.18
6.50 x 3.62 x 1.18
8.03 x 4.33 x 1.61
8.03 x 4.33 x 1.61
8.03 x 4.33 x 1.61
8.03 x 4.33 x 1.61
8.03 x 4.33 x 1.61
8.03 x 4.33 x 1.61
9.29 x 4.92 x 1.61
9.29 x 4.92 x 1.61
9.29 x 4.92 x 1.61
9.29 x 4.92 x 1.61
9.29 x 4.92 x 1.61
9.29 x 4.92 x 1.61
F= continuous membrane area
DIS = display opening
BE=battery compartment
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com