전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM9040M 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM9040M
상세설명  Dual Lambda Sensor Interface Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9040M 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  LM9040M Datasheet HTML 1Page - National Semiconductor (TI) LM9040M Datasheet HTML 2Page - National Semiconductor (TI) LM9040M Datasheet HTML 3Page - National Semiconductor (TI) LM9040M Datasheet HTML 4Page - National Semiconductor (TI) LM9040M Datasheet HTML 5Page - National Semiconductor (TI) LM9040M Datasheet HTML 6Page - National Semiconductor (TI) LM9040M Datasheet HTML 7Page - National Semiconductor (TI) LM9040M Datasheet HTML 8Page - National Semiconductor (TI) LM9040M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Circuit Description
The LM9040 is fabricated in CMOS technology and is de-
signed to operate from a single well regulated 5V supply
The IC consists of two independent differential amplifiers
which are designed using two-phased switched capacitor
networks (SCN) The differential inputs have a common
mode operating range of 2V above and below ground The
SCN includes the input sampling the lowpass filter cold
sensor bias voltage and the gain circuitry Each amplifier
has an independent voltage comparator to detect an open
inverting input pin Additional support circuitry includes the
oscillator clock generator and VBB bias generator
TLH12372 – 13
FIGURE 3 Simplified Circuit
Oscillator
The device contains an internal oscillator which is used to
drive the internal two-phase clock generator The oscillator
requires an external resistor value of 178 kX from the
‘‘OSC
RES’’ pin to device VCC This resistor value deter-
mines the charge rate of the internal capacitor and thus
sets the oscillator frequency The internal oscillator capaci-
tor is matched to the switched capacitor networks so that
the absolute capacitance values are not as important as is
the absolute ratios of the capacitors The oscillator frequen-
cy is approximately 200 kHz
The oscillator resistor should be located as close to the
OSC
RES pin as possible Any variation of the oscillator
resistor value any stray capacitance on the OSC
RES pin
or any changes in the supply voltage will result in a change
in the oscillator frequency This will directly affect the device
Differential Input Impedance and Low Pass filter response
Additional circuitry takes the oscillator signal and generates
two non-overlapping clock signals and a CLK
OUT signal
The clock signals operate at one half the oscillator frequen-
cy or typically 100 kHz This results in a Nyquist frequency
of typically 50 kHz
Clock OutClock In
For the input stage to work with common mode voltages
below Ground potential a negative bias voltage (VBB)is
needed The CLK
OUT pin is used to provide the AC sig-
nal needed to drive the internal VBB bias generator through
an external coupling capacitor A minimum coupling capaci-
tor value of 100 pF to a maximum value of 01 mF is recom-
mended The CLK
IN pin is the input to the VBB bias gen-
erator circuitry
Differential Input Circuit
The input stage can be best described as a switched Sam-
ple and Difference circuit (see
Figure 4 ) When the input
capacitor CIN is switched to the non-inverting input the in-
put voltage plus the common mode voltage is stored on CIN
When CIN is switched to the inverting input CIN will be dis-
charged by an amount equal to the common mode voltage
The remaining charge across CIN will be equal to the differ-
ential input voltage and a proportional charge will be trans-
ferred through the virtual ground via the gain stage
TLH12372 – 14
FIGURE 4 Simplified Switched Capacitor Input Circuit
4



Html Pages

1 2 3 4 5 6 7 8 9 10