전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7552A.. 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA7552A..
상세설명  SMPS Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7552A.. 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA7552A.. Datasheet HTML 1Page - Fairchild Semiconductor KA7552A.. Datasheet HTML 2Page - Fairchild Semiconductor KA7552A.. Datasheet HTML 3Page - Fairchild Semiconductor KA7552A.. Datasheet HTML 4Page - Fairchild Semiconductor KA7552A.. Datasheet HTML 5Page - Fairchild Semiconductor KA7552A.. Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA7552A/KA7553A
3
Electrical Characteristics (Continued)
(VCC = 18V, FOSC = 135kHz, TA = 25°C, unless otherwise specified)
Note :
1. These parameters, although guaranteed, are not 100% tested in production.
2. Recommend operating condition :
- Vcc(min) = 12V
-RT = 3.3kΩ ~ 10kΩ
- Oscillation frequency = 5kHz ~ 600kHz
- Soft start capacitor(CS) = 0.1uF ~ 1uF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
UNDER VOLTAGE LOCKOUT SECTION
Start-up threshold voltage
VTH(ST)
-
15.5
16.0
16.5
V
Minimum operating voltage
VOPR(Min)
-
8.20
8.70
9.20
V
Hysteresis
VHYS
-
6.40
7.30
8.20
V
ON/OFF CONTROL SECTION
Source current(pin8)
ISOURCE(CS) VPIN8 = 0V
-15
-10
-5
uA
On threshold voltage
VTH(ON)
VPIN8 : OFF->ON
0.45
0.56
0.70
V
Off threshold voltage
VTH(OFF)
VPIN8 : ON -> OFF
0.30
0.42
0.55
V
OUTPUT SECTION
Low output voltage
VOL
IO = 100mA, VCC = 18V
-
1.3
1.8
V
High output voltage
VOH
IO = -100mA, VCC = 18V
16.0
16.5
18.0
V
Rise time(Note1)
TR
No load
-
50
-
ns
Fall time(Note1)
TF
No load
-
50
-
ns
OVERALL
Stand-by current
ISB
VCC = 14V
-
90
150
uA
Operating current
ICC(OPR)
VPIN2 = 0V
-
9
15
mA
Power supply current off
ICC(OFF)
VPIN8 = 0V
-
1.1
1.8
mA
Power supply current shutdown
ICC(SD)
VPIN8 = 7.6V
-
1.1
1.8
mA



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com