전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SH10 데이터시트(PDF) 1 Page - Laird Tech Smart Technology

부품명 SH10
상세설명  Reliable solid state operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SH10 데이터시트(HTML) 1 Page - Laird Tech Smart Technology

  SH10 Datasheet HTML 1Page - Laird Tech Smart Technology SH10 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
lengTh
l
0.126”± 0.010”
0.0015” / 0.0015” Lapped
Lapped
4.5”
l1
0.126”± 0.001”
0.001” / 0.001”
Lapped
Lapped
4.5”
l2
0.126”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
4.5”
MM
0.134”± 0.010”
0.002” / 0.002”
Metallized
Metallized
4.5”
Suffix SealanT color TeMp range deScripTion
rT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
ep
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
SH Series SH10,125,05
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FeatureS
• Center hole
• Precise temperature Control
• Reliable solid state operation
• No sound or vibration
• DC operation
• RoHS compliant
applicationS
• Analytical instrumentation
• Clinical diagnostics
• Photonics laser systems
• Industrial instrumentation
• Food & beverage cooling
• Consumer appliances
The SH Series is an annular-style thermoelectric module (TEM). The hot and cold side
ceramics have a circular hole in the center to accommodate light protrusion
for optics, mechanical fastening or temperature probe.
This product line is available in multiple configurations. Assembled with Bismuth
Telluride semiconductor material and thermally conductive Aluminum Oxide ceramics,
the SH Series is designed for higher current and larger heat-pumping applications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25
50
Qmax (Watts)
33.7
37.0
delta Tmax (°c)
67
75
imax (amps)
4.0
4.0
Vmax (Volts)
14.3
16.2
Module resistance (ohms)
3.30
3.72
Sealing option


유사한 부품 번호 - SH10

제조업체부품명데이터시트상세설명
logo
Arch Electronics Corp.
SH10 ARCH-SH10 Datasheet
169Kb / 3P
Encapsulated DC-DC Converter
SH10-12-12D ARCH-SH10-12-12D Datasheet
169Kb / 3P
Encapsulated DC-DC Converter
SH10-12-12S ARCH-SH10-12-12S Datasheet
169Kb / 3P
Encapsulated DC-DC Converter
SH10-12-12S ARCH-SH10-12-12S Datasheet
200Kb / 3P
Power Module for PCB Mountable
SH10-12-15D ARCH-SH10-12-15D Datasheet
169Kb / 3P
Encapsulated DC-DC Converter
More results

유사한 설명 - SH10

제조업체부품명데이터시트상세설명
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
Reliable solid state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
Reliable solid state operation
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com