전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8091ART-R2 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD8091ART-R2
상세설명  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8091ART-R2 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD8091ART-R2 Datasheet HTML 9Page - Analog Devices AD8091ART-R2 Datasheet HTML 10Page - Analog Devices AD8091ART-R2 Datasheet HTML 11Page - Analog Devices AD8091ART-R2 Datasheet HTML 12Page - Analog Devices AD8091ART-R2 Datasheet HTML 13Page - Analog Devices AD8091ART-R2 Datasheet HTML 14Page - Analog Devices AD8091ART-R2 Datasheet HTML 15Page - Analog Devices AD8091ART-R2 Datasheet HTML 16Page - Analog Devices AD8091ART-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8091/AD8092
Rev. C | Page 13 of 20
DRIVING CAPACITIVE LOADS
A highly capacitive load reacts with the output of the amplifiers,
causing a loss in phase margin and subsequent peaking or even
oscillation, as shown in Figure 29 and Figure 30. There are two
methods to effectively minimize its effect.
•
Put a small value resistor in series with the output to isolate
the load capacitor from the amplifier’s output stage.
•
Increase the phase margin with higher noise gains or by
adding a pole with a parallel resistor and capacitor from
−IN to the output.
8
–12
–10
–8
–6
–4
–2
0
2
4
6
0.1
500
100
110
FREQUENCY (MHz)
VS = 5V
G = +1
RL = 2kΩ
CL = 50pF
VO = 200mV p-p
Figure 29. Closed-Loop Frequency Response: CL = 50 pF
2.50V
100ns
50mV
2.60V
2.45V
2.55V
2.40V
VS = 5V
G = +1
RL = 2kΩ
CL = 50pF
Figure 30. 200 mV Step Response: CL = 50 pF
As the closed-loop gain is increased, the larger phase margin
allows for large capacitor loads with less peaking. Adding a low
value resistor in series with the load at lower gains has the same
effect. Figure 31 shows the effect of a series resistor for various
voltage gains. For large capacitive loads, the frequency response
of the amplifier is dominated by the series resistor and capaci-
tive load.
10000
1
10
100
1000
16
5
23
4
ACL (V/V)
VS = 5V
£30%
OVERSHOOT
RS = 3Ω
RS = 0Ω
RG
RF
RS
CL
VOUT
50Ω
VIN
100mV STEP
Figure 31. Capacitive Load Drive vs. Closed-Loop Gain
OVERDRIVE RECOVERY
Overdrive of an amplifier occurs when the output range and/or
input range is exceeded. The amplifier must recover from this
overdrive condition. The AD8091/AD8092 recover within 60 ns
from negative overdrive and within 45 ns from positive
overdrive, as shown in Figure 32.
V/DIV AS SHOWN
100ns
INPUT 1V/DIV
OUTPUT 2V/DIV
VS = ±5V
G = +5
RF = 2kΩ
RL = 2kΩ
Figure 32. Overdrive Recovery
ACTIVE FILTERS
Active filters at higher frequencies require wider bandwidth op
amps to work effectively. Excessive phase shift produced by
lower frequency op amps can significantly impact active filter
performance.
Figure 33 shows an example of a 2 MHz biquad bandwidth filter
that uses three op amps. Such circuits are sometimes used in
medical ultrasound systems to lower the noise bandwidth of the
analog signal before A/D conversion. Note that the unused
amplifiers’ inputs should be tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com