전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM9830 데이터시트(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM9830
상세설명  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 데이터시트(HTML) 34 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 30Page - National Semiconductor (TI) LM9830 Datasheet HTML 31Page - National Semiconductor (TI) LM9830 Datasheet HTML 32Page - National Semiconductor (TI) LM9830 Datasheet HTML 33Page - National Semiconductor (TI) LM9830 Datasheet HTML 34Page - National Semiconductor (TI) LM9830 Datasheet HTML 35Page - National Semiconductor (TI) LM9830 Datasheet HTML 36Page - National Semiconductor (TI) LM9830 Datasheet HTML 37Page - National Semiconductor (TI) LM9830 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
34
http://www.national.com
data lines and 9 signaling lines. Additionally, the parallel port
passthrough function requires another set of the 9 control signals.
The LM9830 databus and control signals are tied to the PC’s par-
allel port. To support a parallel port passthrough function, the
LM9830’s control outputs are tri-stated to allow the printer to
communicate with the PC when in passthrough mode. When the
LM9830 is active, the printer is disabled by tri-stating all control
I/O between the printer and the LM9830/PC control bus. A more
detailed description of the parallel port passthrough function is
provided on the full page drawing labelled Printer Passthrough
Block Diagram near the end of this document.
To minimize EMI and on-chip noise, the Parallel Port output driv-
ers (D0-D7 and the 9 control/status output signals) have four out-
put current settings, 0-3. The output current level is set by bits 1
and 2 of Configuration Register 42.
For maximum compatibility and reliability, the “3” setting is recom-
mended. “0” - “2” can be used to reduce EMI and on-chip noise if
the final system (customer’s PC and associated peripherals and
cables) can tolerate it.
6.2 Finding the LM9830
The LM9830 powers up in the Transparent mode. In order to com-
municate with the LM9830, the host must send a specific
sequence of data on the databus without changing any of the 4
control signal lines. The LM9830 looks for the sequence 99 66
CC 33 on D0-D7.
Each state (99, 66, CC, and 33) must be held for a minimum of 4
MCLK cycles. After a power on reset status, the MCLK divider is
set to divide-by 4. This means that each state must be held for 16
CRYSTAL IN cycles. For a 50MHz external clock, this means that
each state must be held for a minimum of 16*20ns = 320ns. If the
MCLK divider is programmed to a different value and the LM9830
goes transparent, the minimum time required to wake up the
LM9830 will change. The equation for the length of time each
state must be held is:
t = 4(tCLK_IN)(MCLK_DIVIDER)
The assumption is that this sequence will not occur at random
without any of the 4 control pins violating their static requirement
(STROBE high, the other three static).
When in the transparent mode with a clock applied, the LM9830
constantly monitors the databus for a transition to 99. If 99 is
detected, the LM9830 looks for 66. If 66 is detected, the LM9830
looks for CC. If CC is detected, the LM9830 looks for 33.
If 33 is detected, the LM9830 exits transparent mode.
When the LM9830 exits the Transparent mode it takes the
TRISTATE pin high to disconnect the printer control signals to the
PC, and the LATCH signal low to latch and hold the current state
of the four control signals going to the printer. The 5 control lines
going back to the host change to their deasserted states:
ERROR = high
ACK = high
BUSY = low
PE = low
SELECT = low
At this point the LM9830 software driver can attempt to write to
and read from the configuration register to confirm the pres-
ence/non-presence of the LM9830. Please note that register 42
must be written correctly to allow the LM9830 to respond in the
desired communication mode (8 bit or nibble).
6.3 Selecting EPP or Nibble Mode I/O
Now that the LM9830 has been detected, the Host can start talk-
ing to it. The host PC always writes to the LM9830 using 8 bit
words. For reading data, the LM9830 can communicate in either
8 bit (Bidirectional or EPP) or 4 bit (Nibble) modes, as determined
by the state of register 42, bit 0. This bit has no power-on default
and must be set to a 0 or a 1 before data can be read from the
LM9830.
6.4 Returning to Transparency Mode Without LM9830 Reset
The host can return the LM9830 to Transparency Mode by taking
the INIT pin low and then high again. Approximately 2 - 3 MCLKs
after the rising edge of INIT, the LATCH pin will go high, the
TRISTATE pin will go low, and the LM9830 will tristate its D0-D7
and control line outputs. This will make the LM9830 transparent,
but will not change its operation state. If it was scanning, idling, or
fast feeding, the LM9830 will continue scanning, idling, or fast
Name
Direction
LM9830
Default
Parallel Port Databus
D0-D7
From (To) PC
TriState
PC Control Signals
STROBE
From PC
Input
AUTOFEED
From PC
Input
INIT
From PC
Input
SELECT IN
From PC
Input
ACK
To PC
High
BUSY
To PC
Low
PE
To PC
Low
SELECT
To PC
Low
ERROR
To PC
High
Printer Passthrough Signals
TRISTATE
To External Buffer
Low
LATCH
To External Latch
Low
Figure 49: Printer Port Pin Description
Current
Setting
IOL
(mA)
IOH
(mA)
tF (ns)
200pF
tR (ns)
200pF
05
-6
200
167
17
-9
143
111
29
-12
111
83
3
15
-21
67
48
Figure 50: Printer Passthrough Overview
Buffer
To
Computer
To
Printer
9
2
8
LM9830
Databus
Control
Signals
Passthrough
Control
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com