전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI3C3305L 데이터시트(PDF) 6 Page - Pericom Semiconductor Corporation

부품명 PI3C3305L
상세설명  2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3305L 데이터시트(HTML) 6 Page - Pericom Semiconductor Corporation

  PI3C3305L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3305L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3305L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3305L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3305L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3305L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PS8417E
09/07/04
PI3C3305/PI3C3306
2.5V/3.3V, High Bandwidth, Hot Insertion,
2-Bit, 2-Port Bus Switch with Individual Enables
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Ordering Information
Ordering Code
Package Code
Description
PI3C3305L
L
8-pin 173-mil wide plastic TSSOP
PI3C3305U
U
8-pin 118-mil wide plastic MSOP
PI3C3305UE
U
Pb-free & Green 8-pin 118-mil wide plastic MSOP
PI3C3306L
L
8-pin 173-mil wide plastic TSSOP
PI3C3306LE
L
Pb-free & Green 8-pin 173-mil wide plastic TSSOP
PI3C3306U
U
8-pin 118-mil wide plastic MSOP



Html Pages

1 2 3 4 5 6