전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XT40.362 데이터시트(PDF) 13 Page - PULS GmbH

부품명 XT40.362
상세설명  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULS [PULS GmbH]
홈페이지  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.362 데이터시트(HTML) 13 Page - PULS GmbH

Back Button XT40.362 Datasheet HTML 9Page - PULS GmbH XT40.362 Datasheet HTML 10Page - PULS GmbH XT40.362 Datasheet HTML 11Page - PULS GmbH XT40.362 Datasheet HTML 12Page - PULS GmbH XT40.362 Datasheet HTML 13Page - PULS GmbH XT40.362 Datasheet HTML 14Page - PULS GmbH XT40.362 Datasheet HTML 15Page - PULS GmbH XT40.362 Datasheet HTML 16Page - PULS GmbH XT40.362 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
XT40.361, XT40.362
– X-Series
36V, 26A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.36x-EN All parameters are specified at 36V 13.3A, 3x400Vac (XT40.361) or 3x480Vac (XT40.362),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/20
19. APPROVALS
IEC 60950-1
IECEE
CB SCHEME
CB Scheme,
Information Technology Equipment
UL 508
IND. CONT. EQ.
18WM
LISTED
LISTED for Industrial Control Equipment, E198865
UL 60950-1
RECOGNIZED E137006
recognized for the use in U.S.A. (UL 60950-
1) and Canada (C22.2 No. 60950)
Information Technology Equipment, Level 5
20. FULFILLED STANDARDS
EN 61558-2-17
Safety of Power Transformers
EN/IEC 60204-1
Safety of Electrical Equipment of Machines
EN/IEC 61131-2
Programmable Controllers
EN 50178, IEC 62103
Electronic Equipment for Use in Power Installations
21. USED SUBSTANCES
The unit does not release any silicone and is suitable for the use in paint shops.
Electrolytic capacitors included in this unit do not use electrolytes such as Quaternary Ammonium Salt Systems.
Plastic housings and other molded plastic materials are free of halogens.
The materials used in our production process do not include the following toxic chemicals:
Polychlorinated Biphenyl (PCB), Pentachlorophenol (PCP), Polychlorinated naphthalene (PCN), Polybrominated
Biphenyl (PBB), Polybrominated Biphenyl Oxide (PBO), Polybrominated Diphenyl Ether (PBDE), Polychlorinated
Diphenyl Ether (PCDE), Polybrominated Diphenyl Oxide (PBDO), Cadmium, Asbestos, Mercury, Silica



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com