전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI5C3383LE 데이터시트(PDF) 5 Page - Pericom Semiconductor Corporation

부품명 PI5C3383LE
상세설명  5-Bit, 4-Port Bus Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3383LE 데이터시트(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C3383LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI5C3383
5-Bit, 4-Port Bus Exchange Switch
5
PS7028G
12/10/04
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanical: 24-Pin SOIC (S)
SEATING
PLANE
.050
BSC
1
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.40
7.60
.5985
.6141
15.20
15.60
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
24
.021
.031
0.533
0.787
Ordering Information
Ordering Code
Packaging Code
Package Type
PI5C3383L
L
24-pin 173-mil wide plastic TSSOP
PI5C3383LE
L
Pb-free & Green, 24-pin 173-mil wide plastic TSSOP
PI5C3383Q
Q
24-pin 150-mil wide plastic QSOP
PI5C3383QE
Q
Pb-free & Green, 24-pin 150-mil wide plastic QSOP
PI5C3383S
S
24-pin 300-mil wide plastic SOIC
PI5C3383SE
S
Pb-free & Green, 24-pin 300-mil wide plastic SOIC
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/



Html Pages

1 2 3 4 5