전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SX8652ICSTRT 데이터시트(PDF) 11 Page - Semtech Corporation

부품명 SX8652ICSTRT
상세설명  15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652ICSTRT 데이터시트(HTML) 11 Page - Semtech Corporation

Back Button SX8652ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 14Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Revision V1.7/October 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 11
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
15kV ESD Low Power 4-Wire / 5-Wire Resistive
Touchscreen Controller with SPI Interface
3.2. Device Interface and ESD protection
The touch screen controller inputs have been specially designed to provide robust on-chip ESD protection of up to ±15kV
in both HBM and Contact Discharge.
3.2.1. Touchscreen interface
The X+/BR, X-/TL, Y+/TR,Y-/BL, AUX/WIPER are the pins dedicated for the touchscreen interface. It provides the voltage
sequence in order to obtain the coordinates and pressure measurement.
The five pins are connected to BR, TL, TR, BL, WIPER on a 5-wire touchscreen. They are the electrodes on the 4 corners
of the bottom layer of the touchscreen plus the electrode on the top layer.
On a 4-wire touchscreen, only 4 electrodes are used: X+,X-,Y+,Y-. The AUX pin is not needed and therefore can be used
to convert an analog signal (range GND - VDD) into 12-bit digital value. The touchscreen interface pins are the most
exposed pins for an ESD event.
As shown in Figure 7, theses pins have internal ESD protection to GROUND and VDD.
3.2.2. Host Interface and Control Pins
The SX8652 is a slave device configured via the SPI interface.
NIRQ provides an interrupt to the host processor when a pen is detected or when channel data is available. The NIRQ pin
is an active low, open drain output to facilitate interfacing to different supply voltages and thus requires an external pull-up
resistor (1-10 kOhm).
The host can reset the chip via the SPI interface or with the dedicated pin NRST. The NRST pin is an active low input that
provides a hardware reset. An internal pull-up enables the interfacing with devices at different supply voltage.
NRST and NIRQ pins are protected to GROUND.
Figure 7. ESD protection
T o u c h
S c r e e n
D r i v e r s
I n t e r f a c e
R c h n
A
D
C
C o n t r o l
D a t a P r o c e s s in g
X + / B R
X - / T L
Y + / T R
Y - / B L
A U X /
W i p e r
M U X
R c h n
R c h n
R c h n
P o w e r
M a n a g e m e n t
V D D
G N D
N R S T
N I R Q
S P I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com