전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G690L263T91 데이터시트(PDF) 9 Page - Global Mixed-mode Technology Inc

부품명 G690L263T91
상세설명  Microprocessor Reset IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GMT [Global Mixed-mode Technology Inc]
홈페이지  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G690L263T91 데이터시트(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G690L263T91 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G690L263T91 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G690/G691
Global Mixed-mode Technology Inc.
Figure 3. Interfacing to µPs with Bidirectional Reset
I/O
Figure 4. G691L Open-Drain RESET Output Allows
Use with Multiple Supplies
Interfacing to µPs with Bidirectional Reset Pins
Since the RESET output on the G691L is open drain,
this device interfaces easily with µPs that have bidi-
rectional reset pins, such as the Motorola 68HC11.
Connecting the µP supervisor’s RESET output di-
rectly to the microcontroller’s (µC’s) RESET pin with
a single pull-up resistor allows either device to assert
reset (Figure 3).
G691L Open-Drain RESET Output Allows Use with
Multiple Supplies
Generally, the pull-up connected to the G691L will
connect to the supply voltage that is being monitored
at the IC’s VCC pin. However, some systems may use
the open-drain output to level-shift from the monitored
supply to reset circuitry powered by some other supply
(Figure 4). Note that as the G691L’s VCC decreases
below 1V, so does the IC’s ability to sink current at
RESET . Also, with any pull-up, RESET will be pulled
high as VCC decays toward 0. The voltage where this
occurs depends on the pull-up resistor value and the
voltage to which it is connected.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal
supply voltages. This ensures a reset will not occur
within 5% of the nominal supply, but will occur when
the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%,
this leaves a zone of uncertainty where the supply is
between 5% and 10% low, and where the reset may or
may not be asserted.
The G69_ _463/G69_ _308 use highly accurate circuitry
to ensure that reset is asserted close to the 5% limit,
and long before the supply has declined to 10% below
nominal.
RESET
INPUT
GND
µP
V
CC
RESET
GND
G691
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
µP
V
CC
RESET
GND
G691
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
G691
V
CC
RPULL-UP
+3.3V
+5.0V
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
G691
V
CC
RPULL-UP
+3.3V
+5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com