전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC6482 데이터시트(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LMC6482
상세설명  CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6482 데이터시트(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC6482 Datasheet HTML 9Page - National Semiconductor (TI) LMC6482 Datasheet HTML 10Page - National Semiconductor (TI) LMC6482 Datasheet HTML 11Page - National Semiconductor (TI) LMC6482 Datasheet HTML 12Page - National Semiconductor (TI) LMC6482 Datasheet HTML 13Page - National Semiconductor (TI) LMC6482 Datasheet HTML 14Page - National Semiconductor (TI) LMC6482 Datasheet HTML 15Page - National Semiconductor (TI) LMC6482 Datasheet HTML 16Page - National Semiconductor (TI) LMC6482 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Information (Continued)
nation of the op-amp’s output impedance and the capacitive
load induces phase lag. This results in either an under-
damped pulse response or oscillation.
Capacitive load compensation can be accomplished using
resistive isolation as shown in
Figure 4. This simple tech-
nique is useful for isolating the capacitive inputs of multiplex-
ers and A/D converters.
Improved frequency response is achieved by indirectly driv-
ing capacitive loads, as shown in
Figure 6.
R1 and C1 serve to counteract the loss of phase margin by
feeding forward the high frequency component of the output
signal back to the amplifiers inverting input, thereby preserv-
ing phase margin in the overall feedback loop. The values of
R1 and C1 are experimentally determined for the desired
pulse response. The resulting pulse response can be seen in
Figure 7.
5.0 Compensating for Input
Capacitance
It is quite common to use large values of feedback resis-
tance with amplifiers that have ultra-low input current, like
the LMC6482. Large feedback resistors can react with small
values of input capacitance due to transducers, photo-
diodes, and circuits board parasitics to reduce phase
margins.
The effect of input capacitance can be compensated for by
adding a feedback capacitor. The feedback capacitor (as in
Figure 8), C
f, is first estimated by:
or
R
1 CIN ≤ R2 Cf
which typically provides significant overcompensation.
Printed circuit board stray capacitance may be larger or
smaller than that of a bread-board, so the actual optimum
value for C
f may be different. The values of Cf should be
checked on the actual circuit. (Refer to the LMC660 quad
CMOS amplifier data sheet for a more detailed discussion.)
DS011713-17
FIGURE 4. Resistive Isolation
of a 330 pF Capacitive Load
DS011713-18
FIGURE 5. Pulse Response of
the LMC6482 Circuit in
Figure 4
DS011713-15
FIGURE 6. LMC6482 Noninverting Amplifier,
Compensated to Handle a 330 pF Capacitive Load
DS011713-16
FIGURE 7. Pulse Response of
LMC6482 Circuit in
Figure 6
DS011713-19
FIGURE 8. Canceling the Effect of Input Capacitance
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22