| 전자부품 데이터시트 검색엔진 |
|
G690L263T92 데이터시트(PDF) 3 Page - Global Mixed-mode Technology Inc |
|
|
|||||||||||||||||||||||||||||
G690L263T92 데이터시트(HTML) 3 Page - Global Mixed-mode Technology Inc |
|
3 / 12 page ![]() Ver: 1.3 Oct 31, 2002 TEL: 886-3-5788833 http://www.gmt.com.tw 3 G690/G691 Global Mixed-mode Technology Inc. Absolute Maximum Ratings Terminal Voltage (with respect to GND) VCC.……………………………..…….…….-0.3V to +6.0V RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V) RESET (open drain)...….......................-0.3V to +6.0V Input Current, VCC ............................….................20mA Output Current, RESET, RESET ........................20mA Continuous Power Dissipation (TA = +70°C) 3-Pin SOT89……………………………………….500mW 3-Pin SOT23 (derate 4mW/°C above +70°C)….320mW 3-Pin SC70 (derate 2.17mW/°C above +70°C)..174mW Operating Temperature Range …........-40°C to +105°C Storage Temperature Range..….….….-65°C to +150°C Lead Temperature (soldering, 10s) ..…....…......+300°C Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rat- ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Electrical Characteristics (VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1) PARAMETER SYMBOL CONDITION MIN TYP MAX UNITS TA = 0°C +70°C 1.0 5.5 VCC Range TA = -40°C +105°C 1.2 5.5 V VCC<5.5V, G69_ _463/438/400_ 22 30 Supply Current (SOT23) ICC TA = -40°C +105°C VCC<3.6V, G69_ _308/293/263_ 10 23 µA TA = +25°C 4.56 4.63 4.70 TA = -40°C to +85°C 4.50 4.75 G69_ _463_ TA = +85°C to +105°C 4.40 4.86 TA = +25°C 4.31 4.38 4.45 TA = -40°C to +85°C 4.25 4.50 G69_ _438_ TA = +85°C to +105°C 4.16 4.56 TA = +25°C 3.93 4.00 4.06 TA = -40°C to +85°C 3.89 4.10 G69_ _400_ TA = +85°C to +105°C 3.80 4.20 TA = +25°C 3.04 3.08 3.11 TA = -40°C to +85°C 3.00 3.15 G69_ _308_ TA = +85°C to +105°C 2.92 3.23 TA = +25°C 2.89 2.93 2.96 TA = -40°C to +85°C 2.85 3.00 G69_ _293_ TA = +85°C to +105°C 2.78 3.08 TA = +25°C 2.59 2.63 2.66 TA = -40°C to +85°C 2.55 2.70 Reset Threshold VTH G69_ _263_ TA = +85°C to +105°C 2.50 2.76 V |