전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC7101 데이터시트(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LMC7101
상세설명  Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7101 데이터시트(HTML) 14 Page - National Semiconductor (TI)

Back Button LMC7101 Datasheet HTML 10Page - National Semiconductor (TI) LMC7101 Datasheet HTML 11Page - National Semiconductor (TI) LMC7101 Datasheet HTML 12Page - National Semiconductor (TI) LMC7101 Datasheet HTML 13Page - National Semiconductor (TI) LMC7101 Datasheet HTML 14Page - National Semiconductor (TI) LMC7101 Datasheet HTML 15Page - National Semiconductor (TI) LMC7101 Datasheet HTML 16Page - National Semiconductor (TI) LMC7101 Datasheet HTML 17Page - National Semiconductor (TI) LMC7101 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Information
1.0 Benefits of the LMC7101
Tiny Amp
Size. The small footprint of the SOT 23-5 packaged Tiny
amp, (0.120 x 0.118 inches, 3.05 x 3.00 mm) saves space on
printed circuit boards, and enable the design of smaller elec-
tronic products. Because they are easier to carry, many cus-
tomers prefer smaller and lighter products.
Height. The height (0.056 inches, 1.43 mm) of the Tiny amp
makes it possible to use it in PCMCIA type III cards.
Signal Integrity. Signals can pick up noise between the sig-
nal source and the amplifier. By using a physically smaller
amplifier package, the Tiny amp can be placed closer to the
signal source, reducing noise pickup and increasing signal
integrity. The Tiny amp can also be placed next to the signal
destination, such as a buffer for the reference of an analog to
digital converter.
Simplified Board Layout. The Tiny amp can simplify board
layout in several ways. First, by placing an amp where amps
are needed, instead of routing signals to a dual or quad de-
vice, long pc traces may be avoided.
By using multiple Tiny amps instead of duals or quads, com-
plex signal routing and possibly crosstalk can be reduced.
Low THD. The high open loop gain of the LMC7101 amp al-
lows it to achieve very low audio distortion — typically 0.01%
at 10 kHz with a 10 k
Ω load at 5V supplies. This makes the
Tiny an excellent for audio, modems, and low frequency sig-
nal processing.
Low Supply Current. The typical 0.5 mA supply current of
the LMC7101 extends battery life in portable applications,
and may allow the reduction of the size of batteries in some
applications.
Wide Voltage Range. The LMC7101 is characterized at
15V, 5V and 3V. Performance data is provided at these
popular voltages. This wide voltage range makes the
LMC7101 a good choice for devices where the voltage may
vary over the life of the batteries.
2.0 Input Common Mode
Voltage Range
The LMC7101 does not exhibit phase inversion when an in-
put voltage exceeds the negative supply voltage.
Figure 1
shows an input voltage exceeding both supplies with no re-
sulting phase inversion of the output.
The absolute maximum input voltage is 300 mV beyond ei-
ther rail at room temperature. Voltages greatly exceeding
this maximum rating, as in
Figure 2, can cause excessive
current to flow in or out of the input pins, adversely affecting
reliability.
Applications that exceed this rating must externally limit the
maximum input current to ±5 mA with an input resistor as
shown in
Figure 3.
3.0 Rail-To-Rail Output
The approximate output resistance of the LMC7101 is 180
Ω
sourcing and 130
Ω sinking at V
S = 3V and 110Ω sourcing
and 80
Ω sinking at V
S = 5V. Using the calculated output re-
sistance, maximum output voltage swing can be estimated
as a function of load.
4.0 Capacitive Load Tolerance
The LMC7101 can typically directly drive a 100 pF load with
V
S = 15V at unity gain without oscillating. The unity gain fol-
lower is the most sensitive configuration. Direct capacitive
loading reduces the phase margin of op-amps. The combi-
DS011991-8
FIGURE 1. An Input Voltage Signal Exceeds the
LMC7101 Power Supply Voltages with
No Output Phase Inversion
DS011991-9
FIGURE 2. A ±7.5V Input Signal Greatly
Exceeds the 3V Supply in
Figure 3 Causing
No Phase Inversion Due to R
I
DS011991-10
FIGURE 3. R
I Input Current Protection for
Voltages Exceeding the Supply Voltage
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com