전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WTS701MM/T 데이터시트(PDF) 35 Page - Winbond

부품명 WTS701MM/T
상세설명  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T 데이터시트(HTML) 35 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 31Page - Winbond WTS701MM/T Datasheet HTML 32Page - Winbond WTS701MM/T Datasheet HTML 33Page - Winbond WTS701MM/T Datasheet HTML 34Page - Winbond WTS701MM/T Datasheet HTML 35Page - Winbond WTS701MM/T Datasheet HTML 36Page - Winbond WTS701MM/T Datasheet HTML 37Page - Winbond WTS701MM/T Datasheet HTML 38Page - Winbond WTS701MM/T Datasheet HTML 39Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 35 -
Revision 3.09
SPDN
SPEED DOWN COMMAND
Decrease speaking rate (SPD register). Has no effect if already at minimum speaking rate. The
Default value of this register after Power-Up or Reset is 0x02. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
SPDN
Class
1
Type
I
Host controller
0x56
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Decrease speaking rate (SPD register).
RST
RESET COMMAND
Sending this command has the same affect as a Power-On reset, the WTS701 enters the POWER
DOWN state.
RST
Class
0
Type
I
Host controller
0x10
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Reset the WTS701 device.
ABBR_ADD
ADD ABBREVIATION
Add an entry to the abbreviation table.
ABBR_ADD
Class
2
Type
III
Host controller
0xAF
0x00
DATA0
…
DATAn
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Status Byte 0
… Status Byte n%2
Description:
Add an entry to the abbreviation table..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77