전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLV-L10D 데이터시트(PDF) 6 Page - All Sensors Corporation

부품명 MLV-L10D
상세설명  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASC [All Sensors Corporation]
홈페이지  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-L10D 데이터시트(HTML) 6 Page - All Sensors Corporation

Back Button MLV-L10D Datasheet HTML 2Page - All Sensors Corporation MLV-L10D Datasheet HTML 3Page - All Sensors Corporation MLV-L10D Datasheet HTML 4Page - All Sensors Corporation MLV-L10D Datasheet HTML 5Page - All Sensors Corporation MLV-L10D Datasheet HTML 6Page - All Sensors Corporation MLV-L10D Datasheet HTML 7Page - All Sensors Corporation MLV-L10D Datasheet HTML 8Page - All Sensors Corporation MLV-L10D Datasheet HTML 9Page - All Sensors Corporation MLV-L10D Datasheet HTML 10Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MLV Series Low Voltage Pressure Sensors
0.250 (min)
[6.35]
0.100
[2.60]
F- Flat (Straight) Configuration
0.25
0.010
R- Right Angle 0.100" Configuration
0.075
[1.88]
[4.70]
0.185
0.225 (min)
[5.72]
0.25
0.010
Q- Right Angle 0.075" Configuration
J- Jogged Bend Configuration
D- Barb Fitting Ports A and B Configuration
B- Barb Fitting Port A Only Configuration
1.20
0.047
0.081
2.06
1.24
0.049
0.081
2.06
NOTE: Port Cut Configuration "D" Shown As Reference.
C- Barb Fitting Port B Only Configuration
A- No Fittings Configuration
1.20
0.047
0.081
2.06
Example: MLV-L10D-A6DxF-N
Port Fitting Options
A-Package: Port Fitting Options
Example: MLV-L10D-A6AAx-N
Lead Bend Options
A-Package: Lead Bend Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com