전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLV-005D 데이터시트(PDF) 11 Page - All Sensors Corporation

부품명 MLV-005D
상세설명  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASC [All Sensors Corporation]
홈페이지  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-005D 데이터시트(HTML) 11 Page - All Sensors Corporation

Back Button MLV-005D Datasheet HTML 7Page - All Sensors Corporation MLV-005D Datasheet HTML 8Page - All Sensors Corporation MLV-005D Datasheet HTML 9Page - All Sensors Corporation MLV-005D Datasheet HTML 10Page - All Sensors Corporation MLV-005D Datasheet HTML 11Page - All Sensors Corporation MLV-005D Datasheet HTML 12Page - All Sensors Corporation MLV-005D Datasheet HTML 13Page - All Sensors Corporation MLV-005D Datasheet HTML 14Page - All Sensors Corporation MLV-005D Datasheet HTML 15Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
All Sensors
DS-0274 Rev C
E2ND Package
7.17
0.282
0.64
2.12
0.084
0.025
0.350
(min)
8.89
0.225
5.72
Pin 1 2 3 4
Pin 8 7 6 5
Port B
Port A
2.10
10.79
0.425
12.70
0.500
0.082
0.100
2.54
NOTES
1) Dimensions are in inches [mm]
2) For suggested pad layout, see drawing: PAD-03
E2BD Package
Port B
Pin 1 2 3 4
Port A
Pin 8 7 6 5
0.083
0.100
0.045
2.11
0.425
1.14
0.500
12.70
2.54
10.80
8.89
0.64
(min)
0.360
0.350
9.15
0.025
0.084
2.12
0.225
5.72
NOTES
1) Dimensions are in inches [mm]
2) For suggested pad layout, see drawing: PAD-03
Pinout
1) Gnd
2) +Out
3) Vs
4) -Out
5) Do Not Connect
6) Do Not Connect
7) Do Not Connect
8) Do Not Connect
Pinout
1) Gnd
2) +Out
3) Vs
4) -Out
5) Do Not Connect
6) Do Not Connect
7) Do Not Connect
8) Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16