전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACMD-6003 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 ACMD-6003
상세설명  High Isolation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-6003 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-6003 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-6003 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ACMD-6003 Electrical Specifications [2], Z0 = 50 , TC [1] as indicated.
Symbol
Parameter
Units
-20°
C
+25°
C
+85°
C
Min
Max
Min
Typ [3]
Max
Min
Max
Antenna Port to Receive Port
S23
Insertion Loss in Rx Band
1805 – 1808 MHz
1808 – 1877 MHz
1877 – 1880 MHz
dB
4.0
3.4
3.1
2.8
1.5
2.9
3.8
3.2
3.1
3.8
3.4
4.0
S23
Insertion Loss, Average 3.84 MHz Channels
within Rx Band (1805 – 1880 MHz)
dB
3.3
1.6
3.2
3.4
S23
Insertion Loss, Average 10 MHz Channels
within Rx Band (1805 – 1880 MHz)
dB
3.0
1.6
2.9
3.2
 S23
Flatness, any 5 MHz within Rx Band
(1805 – 1880 MHz) dB
dB
1.0
1.0
1.0
S23
Attenuation, 10 – 1710 MHz
dB
30
30
41
30
S23
Attenuation in Tx Band (1710 – 1785 MHz)
dB
45
45
60
45
S23
Attenuation, 1965 – 2400 MHz
dB
25
25
48
25
S23
Attenuation in ISM 2.4 GHz Band
(2400 – 2484 MHz)
dB
30
30
54
30
S23
Attenuation, 2484 – 4000 MHz
(unless otherwise specified)
dB
30
30
57
30
S23
Attenuation, 3515 – 3665 MHz
dB
25
25
64
25
S23
Attenuation, 5225 – 5450 MHz
dB
10
10
15
10
S22
Return Loss (SWR) of Rx Port in Rx Band
(1805 – 1880 MHz)
dB
9.0
(2.1)
9.0
24 (1.1)
(2.1)
9.0
(2.1)
Transmit Port to Antenna Port
S31
Insertion Loss in Tx Band
1710 – 1713 MHz
1713 – 1782 MHz
1782 – 1785 MHz
dB
3.5
2.7
2.7
2.2
1.6
1.8
3.0
2.5
2.7
3.0
2.9
3.5
S31
Insertion Loss, Average 3.84 MHz Channels
within Tx Band (1710 – 1785 MHz)
dB
2.6
1.6
2.4
2.9
S31
Insertion Loss, Average 10 MHz Channels
within Tx Band (1710 – 1785 MHz)
dB
2.3
1.6
2.2
25
 S31
Flatness, any 5 MHz within Tx Band
(1710 – 1785 MHz)
dB
1.0
1.0
1.0
 S31
Flatness, any 10 MHz within Tx Band
(1710 – 1785 MHz)
dB
2.0
2.0
2.0
S31
Attenuation, 10 – 1565.4 MHz
dB
30
30
43
30
S31
Attenuation in GPS Bands
(1565.4 – 1585.4 MHz)
dB
38
38
44
38
S31
Attenuation in GLONASS Band
(1597.6 – 1605.9 MHz)
dB
35
35
40
35
S31
Attenuation, 1605.9 – 1680.0 MHz
dB
30
30
40
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com