전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-C415 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-C415
상세설명  Very high intensity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C415 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C415 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C415 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HLMP - C x xx - x x x xx
Mechanical Options
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
B2: Right Angle Housing, Even Leads
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (No Maximum Limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Viewing Angle & Standoffs Options
15: 15 Degree, without Standoffs
23: 25 Degree, without Standoffs
Color Options
1. AS AlGaAs Red
2. High Efficiency Red
3. Yellow
4. Orange
5. Green
6. Emerald Green
Package Options
C: T-1 3/4 (5 mm)
Part Numbering System
Selection Guide
Color
2
θ1/2[1]
Standoff
Leads
Part Number
Luminous Intensity Iv (mcd)
Min.
Max.
DH AS AlGaAs
15
No
HLMP-C115
290.0
–
25
No
HLMP-C123-L00xx
90.2
–
Red
15
No
HLMP-C215
138.0
–
25
No
HLMP-C223
90.2
–
Yellow
15
No
HLMP-C315
147.0
–
25
No
HLMP-C323
96.2
–
Orange
15
No
HLMP-C415
138.0
–
25
No
HLMP-C423
90.2
–
HLMP-C423-L00xx
90.2
–
Green
15
No
HLMP-C515
170.0
–
HLMP-C515-L00xx
170.0
25
No
HLMP-C523
69.8
–
HLMP-C523-J00xx
69.8
–
Emerald Green
15
No
HLMP-C615-G00xx
17.0
–



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com