전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MA413.A.B.002 데이터시트(PDF) 13 Page - Taoglas antenna solutions

부품명 MA413.A.B.002
상세설명  Worldwide 4G Bands including 3G and 2G
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA413.A.B.002 데이터시트(HTML) 13 Page - Taoglas antenna solutions

Back Button MA413.A.B.002 Datasheet HTML 9Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 10Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 11Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 12Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 13Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 14Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 15Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 16Page - Taoglas antenna solutions MA413.A.B.002 Datasheet HTML 17Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SPE-16-8-012/C/WY
Page 13 of 35
-45
-35
-25
-15
-5
5
0
30
60
90
120
150
180
210
240
270
300
330
(dBi)
704MHz
751MHz
824MHz
960MHz
-40
-30
-20
-10
0
10
0
30
60
90
120
150
180
210
240
270
300
330
(dBi)
1710MHz
1850MHz
1990MHz
2170MHz
XZ Plane
Z
X
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com