전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MA510.C.CG.005 데이터시트(PDF) 2 Page - Taoglas antenna solutions

부품명 MA510.C.CG.005
상세설명  High Isolation Between Antenna Elements
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA510.C.CG.005 데이터시트(HTML) 2 Page - Taoglas antenna solutions

  MA510.C.CG.005 Datasheet HTML 1Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 2Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 3Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 4Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 5Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 6Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 7Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 8Page - Taoglas antenna solutions MA510.C.CG.005 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DSP-13-8-024/C/EZ
Page 2 of 23
MA.510.C.A108151.G108151
1. Introduction
The MIMO communication system has been one of the most promising technologies, well suited
for high data rate communication. A MIMO (Multiple-Input-Multiple-Output) system use at least
two antenna structures and is more advantageous than single-input single-output (SISO) in an
aspect of increasing channel capacity and reducing transmitting power. MIMO antennas should
have compact structure, high radiation efficiency, low envelope correlation, and high isolation
between the signal ports.
In small structures (antennas spaced closely), the application of MIMO technology has been
restricted by high degree of coupling and spatial correlation between antenna elements due to
the limited available space. The isolation between antennas become critical as it can deteriorate
the system performance and decreases channel capacity.
The Hercules MA.510 MIMO antenna is low profile, heavy-duty, fully IP67 waterproof external
M2M antenna for use, transportation and remote monitoring applications. This unique
omnidirectional antenna provide high efficiency and high isolation between antennas elements
in a heavy-duty low profile compact structure, delivering powerful MIMO antenna technology for
Wi-Fi 802.11n and emerging 802.11ac.
The antenna screws down permanently onto a roof or metal panel and can be pole or wall-
mounted. One antenna elements is vertically polarized and one is horizontally polarized to
increase the isolation between antennas.
For industries such as remote monitoring, smart meter systems, construction equipment, public
safety at only 29mm high, the Hercules MA.510 MIMO antenna provides an unobtrusive, robust,
rugged antenna that is durable even in extreme environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com