전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M29F080D55M1T 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 M29F080D55M1T
상세설명  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D55M1T 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button M29F080D55M1T Datasheet HTML 27Page - STMicroelectronics M29F080D55M1T Datasheet HTML 28Page - STMicroelectronics M29F080D55M1T Datasheet HTML 29Page - STMicroelectronics M29F080D55M1T Datasheet HTML 30Page - STMicroelectronics M29F080D55M1T Datasheet HTML 31Page - STMicroelectronics M29F080D55M1T Datasheet HTML 32Page - STMicroelectronics M29F080D55M1T Datasheet HTML 33Page - STMicroelectronics M29F080D55M1T Datasheet HTML 34Page - STMicroelectronics M29F080D55M1T Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31/36
M29F080D
APPENDIX C. BLOCK PROTECTION
Block protection can be used to prevent any oper-
ation from modifying the data stored in the memo-
ry. The blocks are protected in groups, refer to
Appendix A, Table 16 for details of the Protection
Groups. Once protected, Program and Erase op-
erations within the protected group fail to change
the data.
There are three techniques that can be used to
control Block Protection, these are the Program-
mer technique, the In-System technique and Tem-
porary Unprotection. Temporary Unprotection is
controlled by the Reset/Block Temporary Unpro-
tection pin, RP; this is described in the Signal De-
scriptions section.
To protect the Extended Block issue the Enter Ex-
tended Block command and then use either the
Programmer or In-System technique. Once pro-
tected issue the Exit Extended Block command to
return to read mode. The Extended Block protec-
tion is irreversible, once protected the protection
cannot be undone.
Programmer Technique
The Programmer technique uses high (VID) volt-
age levels on some of the bus pins. These cannot
be achieved using a standard microprocessor bus,
therefore the technique is recommended only for
use in Programming Equipment.
To protect a group of blocks follow the flowchart in
Figure 14, Programmer Equipment Block Protect
Flowchart. To unprotect the whole chip it is neces-
sary to protect all of the groups first, then all
groups can be unprotected at the same time. To
unprotect the chip follow Figure 15, Programmer
Equipment Chip Unprotect Flowchart. Table 23,
Programmer Technique Bus Operations, gives a
summary of each operation.
The timing on these flowcharts is critical. Care
should be taken to ensure that, where a pause is
specified, it is followed as closely as possible. Do
not abort the procedure before reaching the end.
Chip Unprotect can take several seconds and a
user message should be provided to show that the
operation is progressing.
In-System Technique
The In-System technique requires a high voltage
level on the Reset/Blocks Temporary Unprotect
pin, RP. This can be achieved without violating the
maximum ratings of the components on the micro-
processor bus, therefore this technique is suitable
for use after the memory has been fitted to the sys-
tem.
To protect a group of blocks follow the flowchart in
Figure 16, In-System Block Protect Flowchart. To
unprotect the whole chip it is necessary to protect
all of the groups first, then all the groups can be
unprotected at the same time. To unprotect the
chip follow Figure 17, In-System Chip Unprotect
Flowchart.
The timing on these flowcharts is critical. Care
should be taken to ensure that, where a pause is
specified, it is followed as closely as possible. Do
not allow the microprocessor to service interrupts
that will upset the timing and do not abort the pro-
cedure before reaching the end. Chip Unprotect
can take several seconds and a user message
should be provided to show that the operation is
progressing.
Table 23. Programmer Technique Bus Operations, BYTE = VIH or VIL
Note: 1. Block Protection Groups are shown in Appendix A, Table 16.
Operation
E
G
W
Address Inputs
A0-A19
Data Inputs/Outputs
DQ15A–1, DQ14-DQ0
Block (Group)
Protect(1)
VIL
VID
VIL Pulse
A9 = VID, A12-A19 Block Address
Others = X
X
Chip Unprotect
VID
VID
VIL Pulse
A9 = VID, A12 = VIH, A15 = VIH
Others = X
X
Block (Group)
Protection Verify
VIL
VIL
VIH
A0 = VIL, A1 = VIH, A6 = VIL, A9=VID,
A12-A19 Block Address
Others = X
Pass = XX01h
Retry = XX00h
Block (Group)
Unprotection Verify
VIL
VIL
VIH
A0 = VIL, A1 = VIH, A6 = VIH, A9 = VID,
A12-A19 Block Address
Others = X
Retry = XX01h
Pass = XX00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com