| 전자부품 데이터시트 검색엔진 |
|
15GENG3E/W3E/-R 데이터시트(PDF) 2 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
15GENG3E/W3E/-R 데이터시트(HTML) 2 Page - Delta Electronics, Inc. |
|
2 / 2 page ![]() 2-8 NG3E, NG3C, NG3Q (Optional wire type) UNIT: INCH mm MECHANICAL CONSTRUCTION 20GENG3E (Optional wire type) SUGGESTED MOUNTING CUTOUT R0.118MAX. (MOUNTING FROM REVERSE) 3.19MAX. 0.248X0.031 0.138 2.60MAX. 1.18 66.0MAX. 6.3X0.8 81.0MAX. 3.5 30.0 R4.0MAX. 36.0-0 +0.5 1.417-0 +0.02 1.12 MAX. SUGGESTED MOUNTING CUTOUT 1.22 0.2 L G N 31.0 0.5 28.4 MAX. NW3ES Suggested thickness of mounting panel is from 0.0315 (0.8) to 0.063 (1.6) inch(mm) of mounting cutout +0.012 +0.3 - 1.12 0 - 28.45 0 R0.08MAX. R2.0MAX. 0.8~1.6 0.0315~0.06 NG3U WIRE LENGTH : 4.0" MIN. PCB PANEL ASSEMBLY FROM FRONT NW3ES NG3E(H), NG3C(H), NG3Q(H) (Optional wire type) NG3U (With Compact Size) +0.012 +0.3 - 1.12 0 - 28.45 0 R0.08MAX. R2.0MAX. 0.8~1.6 0.0315~0.06 SUGGESTED MOUNTING CUTOUT 1.10 0.02 28.0 0.5 L 1.22 0.02 31.0 0.5 G N 1.12 MAX. 28.4 MAX. L 1.22 0.02 31.0 0.5 G N GENG3E(H) 1.16 0.004 SUGGESTED MOUNTING CUTOUT 0.0315~0.063 R0.08MAX(2X) R2.0MAX 29.5 0.1 0.8~1.6 1.12 MAX. 28.4 MAX. L 1.22 0.02 31.0 0.5 G N +0.012 +0.3 - 1.12 0 - 28.45 0 R0.08MAX. R2.0MAX. GENG3E 0.8~1.6 0.0315~0.06 SUGGESTED MOUNTING CUTOUT |