전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCI7621 데이터시트(PDF) 89 Page - Texas Instruments

부품명 PCI7621
상세설명  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 데이터시트(HTML) 89 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 85Page - Texas Instruments PCI7621 Datasheet HTML 86Page - Texas Instruments PCI7621 Datasheet HTML 87Page - Texas Instruments PCI7621 Datasheet HTML 88Page - Texas Instruments PCI7621 Datasheet HTML 89Page - Texas Instruments PCI7621 Datasheet HTML 90Page - Texas Instruments PCI7621 Datasheet HTML 91Page - Texas Instruments PCI7621 Datasheet HTML 92Page - Texas Instruments PCI7621 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 298 page
background image
3−33
Therefore, in order to maintain consistent gap-counts throughout the bus, the following rules apply to the use of the
IBR bit, RHB, and Gap_Count in PHY register 1:
•
Following the transmission of a PHY-config packet, a bus reset must be initiated in order to verify that all
nodes have correctly updated their RHBs and Gap_Count values and to ensure that a subsequent new
connection to the bus causes the Gap_Count to be set to 63 on all nodes in the bus. If this bus reset is
initiated by setting the IBR bit to 1, then the RHB and Gap_Count field must also be loaded with the correct
values consistent with the just transmitted PHY-config packet. In the PCI7x21/PCI7x11 controller, the RHB
and Gap_Count are updated to their correct values upon the transmission of the PHY-config packet, so
these values may first be read from register 1 and then rewritten.
•
Other than to initiate the bus reset, which must follow the transmission of a PHY-config packet, whenever
the IBR bit is set to 1 in order to initiate a bus reset, the Gap_Count value must also be set to 63 so as to
be consistent with other nodes on the bus, and the RHB must be maintained with its current value.
•
The PHY register 1 must not be written to except to set the IBR bit. The RHB and Gap_Count must not be
written without also setting the IBR bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More