전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCI7421 데이터시트(PDF) 12 Page - Texas Instruments

부품명 PCI7421
상세설명  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 데이터시트(HTML) 12 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 8Page - Texas Instruments PCI7421 Datasheet HTML 9Page - Texas Instruments PCI7421 Datasheet HTML 10Page - Texas Instruments PCI7421 Datasheet HTML 11Page - Texas Instruments PCI7421 Datasheet HTML 12Page - Texas Instruments PCI7421 Datasheet HTML 13Page - Texas Instruments PCI7421 Datasheet HTML 14Page - Texas Instruments PCI7421 Datasheet HTML 15Page - Texas Instruments PCI7421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 298 page
background image
xii
List of Illustrations
Figure
Title
Page
2−1
PCI7621 GHK/ZHK-Package Terminal Diagram
2−1
. . . . . . . . . . . . . . . . . . . . .
2−2
PCI7421 GHK/ZHK-Package Terminal Diagram
2−2
. . . . . . . . . . . . . . . . . . . . .
2−3
PCI7611 GHK/ZHK-Package Terminal Diagram
2−3
. . . . . . . . . . . . . . . . . . . . .
2−4
PCI7411 GHK/ZHK-Package Terminal Diagram
2−4
. . . . . . . . . . . . . . . . . . . . .
3−1
PCI7x21/PCI7x11 System Block Diagram
3−1
. . . . . . . . . . . . . . . . . . . . . . . . . .
3−2
3-State Bidirectional Buffer
3−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−3
PCI Reset Requirement
3−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−4
Serial ROM Application
3−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−5
SPKROUT Connection to Speaker Driver
3−9
. . . . . . . . . . . . . . . . . . . . . . . . . .
3−6
Two Sample LED Circuits
3−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−7
Serial-Bus Start/Stop Conditions and Bit Transfers
3−12
. . . . . . . . . . . . . . . . . .
3−8
Serial-Bus Protocol Acknowledge
3−12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−9
Serial-Bus Protocol—Byte Write
3−12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−10
Serial-Bus Protocol—Byte Read
3−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−11
EEPROM Interface Doubleword Data Collection
3−13
. . . . . . . . . . . . . . . . . . . .
3−12
IRQ Implementation
3−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−13
System Diagram Implementing CardBus Device Class Power
Management
3−21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−14
Signal Diagram of Suspend Function
3−23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−15
RI_OUT Functional Diagram
3−24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−16
Block Diagram of a Status/Enable Cell
3−27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−17
TP Cable Connections
3−30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−18
Typical Compliant DC Isolated Outer Shield Termination
3−30
. . . . . . . . . . . . .
3−19
Non-DC Isolated Outer Shield Termination
3−31
. . . . . . . . . . . . . . . . . . . . . . . . .
3−20
Load Capacitance for the PCI7x21/PCI7x11 PHY
3−32
. . . . . . . . . . . . . . . . . . .
3−21
Recommended Crystal and Capacitor Layout
3−32
. . . . . . . . . . . . . . . . . . . . . . .
5−1
ExCA Register Access Through I/O
5−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−2
ExCA Register Access Through Memory
5−2
. . . . . . . . . . . . . . . . . . . . . . . . . . .
6−1
Accessing CardBus Socket Registers Through PCI Memory
6−1
. . . . . . . . . .
14−1
Test Load Diagram
14−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More