| 전자부품 데이터시트 검색엔진 |
|
LM2335 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2335 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 22 page ![]() Connection Diagrams Pin Descriptions Pin No. Pin No. Pin No. Pin No. Pin I/O Description 2336LTM 2336LSLB 2335LTM 2335LSLB Name 1 24 1 16 V CC1 Power supply voltage input for RF1 analog and RF1 digital circuits. Input may range from 2.7V to 5.5V. V CC1 must equal V CC2. Bypass capacitors should be placed as close as possible to this pin and be connected directly to the ground plane. 2221 V p1 Power supply for RF1 charge pump. Must be ≥ V CC. 3332 D o1 O RF1 charge pump output. For connection to a loop filter for driving the input of an external VCO. 4443 GND LMX2335L: Ground for RF1 analog and RF1 digital circuits. LMX2336L: Ground for RF digital circuits. 5554 f IN 1 I RF1 prescaler input. Small signal input from the VCO. 66 X X /f IN 1 I RF1 prescaler complementary input. A bypass capacitor should be placed as close as possible to this pin and be connected directly to the ground plane. Capacitor is optional with loss of some sensitivity. 7 7 X X GND Ground for RF1 analog circuitry. LMX2335L (Top View) DS012807-2 Order Number LMX2335LM or LM2335LTM NS Package Number M16A and MTC16 LMX2335L (Top View) DS012807-38 Order Number LMX2335LSLB NS Package Number SLB16A LMX2336L (Top View) DS012807-3 Order Number LMX2336LTM NS Package Number MTC20 LMX2336L (Top View) DS012807-36 Order Number LMX2336LSLB NS Package Number SLB24A www.national.com 2 |