| 전자부품 데이터시트 검색엔진 |
|
TDA7412 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7412 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 56 page ![]() 1/56 TDA7412 October 2003 s 3 STEREO INPUTS s 3 MONO INPUTS s DYNAMIC-COMPRESSION-STAGE FOR CD s SOFTSTEP-VOLUME s BASS, TREBLE AND LOUDNESS CONTROL s VOICE-BAND-FILTER s DIRECT MUTE AND SOFTMUTE s INTERNAL BEEP s FOUR INDEPENDENT SPEAKER-OUTPUTS s STEREO SUBWOOFER OUTPUT s INDEPENDENT SECOND SOURCE- SELECTOR s FULL MIXING CAPABILITY s PAUSE DETECTOR Stereodecoder: s RDS MUTE s NO EXTERNAL ADJUSTMENTS s AM/FM NOISEBLANKER WITH SEVERAL TRIGGER CONTROLS s PROGRAMMABLE MULTIPATH DETECTOR s QUALITY DETECTOR OUTPUT Digital Control: I2C-BUS INTERFACE DESCRIPTION The device includes a high performance audiopro- cessor and a stereodecoder-noiseblanker combina- tion with the whole low frequency signal processing necessary for state-of-the-art as well as future carra- dios. The digital control allows a programming in a wide range of all the filter characteristics. Also the stereodecoder part offers several possibilities of pro- gramming especially for the adaptation to different IF-devices. TQFP44 ORDERING NUMBER: TDA7412 CARRADIO SIGNAL PROCESSOR |
유사한 부품 번호 - TDA7412 |
|
유사한 설명 - TDA7412 |