전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASS-PKA 데이터시트(PDF) 4 Page - StarHope

부품명 ASS-PKA
상세설명  Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPSEMI [StarHope]
홈페이지  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASS-PKA 데이터시트(HTML) 4 Page - StarHope

  ASS-PKA Datasheet HTML 1Page - StarHope ASS-PKA Datasheet HTML 2Page - StarHope ASS-PKA Datasheet HTML 3Page - StarHope ASS-PKA Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 4 of 4
PKA(6.6KW) Series
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
℃
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
℃
P
Ramp-down Rate
Time 25
to Peak Temp(T )
℃
P
Do not exceed
+150
℃
+200
℃
60-180secs
3
/sec.Max.
℃
3
/sec.Max.
℃
+217
℃
60-150secs
+260(+0/-5)
℃
30 secs.Max.
6
/sec.Max.
℃
8 min.Max.
+260
℃
Marking Code
Tape And Reel Specification
Cathode Band
6PES
****
Marking Code
Logo
Dat
e Code
6
BES
****
Marking Code
Logo
Dat
e Code
0.157
(4.0)
0.63
(16.0)
0.315
(8.0)
0.79
(20.0)
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
PKA***
500
178
EIA RS-481
7 0(178)
.
..
.
REV 2016 08 10



Html Pages

1 2 3 4