| 전자부품 데이터시트 검색엔진 |
|
VSC6048 데이터시트(PDF) 17 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC6048 데이터시트(HTML) 17 Page - Vitesse Semiconductor Corporation |
|
17 / 18 page ![]() © VITESSE SEMICONDUCTOR CORPORATION Page 17 8/28/00 741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896 VITESSE SEMICONDUCTOR CORPORATION Data Sheet VSC6048 G52335-0, Rev. 4.0 High-Speed Octal Programmable Timing Generator Ordering Information The order number for this product is formed by a combination of the device number, and package type. Notice This document contains information about a product during its fabrication or early sampling phase of development. The information contained in this document is based on design targets, simulation results or early prototype test results. Characteristic data and other specifications are subject to change without notice. There- fore the reader is cautioned to confirm that this datasheet is current prior to design or order placement. Warning Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without written consent is prohibited. VSC6048 xx Device Type Package High-Speed Octal QV: 160-Pin PQFP, 28x28mm Body Programmable Timing Generator |