전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P87CL52X2 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 P87CL52X2
상세설명  80C51 8-bit microcontroller family
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87CL52X2 데이터시트(HTML) 3 Page - NXP Semiconductors

  P87CL52X2 Datasheet HTML 1Page - NXP Semiconductors P87CL52X2 Datasheet HTML 2Page - NXP Semiconductors P87CL52X2 Datasheet HTML 3Page - NXP Semiconductors P87CL52X2 Datasheet HTML 4Page - NXP Semiconductors P87CL52X2 Datasheet HTML 5Page - NXP Semiconductors P87CL52X2 Datasheet HTML 6Page - NXP Semiconductors P87CL52X2 Datasheet HTML 7Page - NXP Semiconductors P87CL52X2 Datasheet HTML 8Page - NXP Semiconductors P87CL52X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Philips Semiconductors
Product data
P87CL52X2/54X2
80C51 8-bit microcontroller family
8K/16K OTP 256 bytes RAM ROMless low voltage
(1.8 V to 3.3 V), low power, high speed (33 MHz)
2003 May 14
3
P87CL5XX2 ORDERING INFORMATION
Type number
Package
Name
Description
Temperature
Range (
°C)
Version
P87CL52X2BDH
TSSOP38
plastic thin shrink small outline package; 38 leads;
body width 4.4 mm; lead pitch 0.5 mm
0 to +70
SOT510-1
P87CL52X2BBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4
mm
0 to +70
SOT389-1
P87CL54X2BDH
TSSOP38
plastic thin shrink small outline package; 38 leads;
body width 4.4 mm; lead pitch 0.5 mm
0 to +70
SOT510-1
P87CL54X2BBD
LQFP44
plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4
mm
0 to +70
SOT389-1
NOTE:
1. 80CL52/80CL54 ROM versions are available.
The following table illustrates the correlation between operating mode, power supply and maximum external clock frequency:
Operating Mode
Power Supply
Maximum Clock Frequency
6-clock
3.3 V
± 10%
16 MHz
6-clock
1.8 V to 3.3 V
6 MHz
12-clock
3.3 V
± 10%
33 MHz
12-clock
1.8 V to 3.3 V
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47