| 전자부품 데이터시트 검색엔진 |
|
ML620Q503 데이터시트(PDF) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML620Q503 데이터시트(HTML) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
13 / 34 page ![]() FEDL620Q504-01 ML620Q503/Q504 13/34 TERMINATION OF UNUSED PINS Table 1 shows methods of terminating the unused pins. Table 1 Termination of Unused Pins Pin Recommended pin termination RESET_N open TEST0 open TEST1_N open VREF Connect to VDD P00 to P05 open PXT0 to PXT1 open P10 to P11 open P20 to P23 open P30 to P37 open P40 to P47 open P50 to P57 open Note: For unused input ports or unused input/output ports, if the corresponding pins are configured as high-impedance inputs and left open, the supply current may become excessively large. Therefore, it is recommended to configure those pins as either inputs with a pull-down resistor/pull-up resistor or outputs. |