전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML9480 데이터시트(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

부품명 ML9480
상세설명  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPIS [LAPIS Semiconductor Co., Ltd.]
홈페이지  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9480 데이터시트(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9480 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML9480 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
FEDL9480-01
ML9480
19/37
Data configuration
• Data configuration (Serial interface)
D40
D39
D38
D3
D2
D1
C0
C1
C2
C3
C4
C5
Command
LCD display data
Corresponding to SEG1
Corresponding to SEG40
First bit
C6
C7
Note 1 : The commands F1 and F2 settings become valid when the least four bits of C4 to C7 are input.
(The bits from D1 to D40 and from C0 to C3 are not necessary.)
Note 2 : If the dummy bit is needed for the reason of number of transfer bits, put it on the first bit side.
Note 3 : The command execution follows the contents of the C7 to C0 registers immediately before the LOAD
becomes "H".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37