| 전자부품 데이터시트 검색엔진 |
|
IOBUS0 데이터시트(PDF) 83 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
IOBUS0 데이터시트(HTML) 83 Page - Future Technology Devices International Ltd. |
|
83 / 88 page ![]() 83 C opyright © Future T ec hnology Devic es I nternational Limited Datasheet Vinculum-II Embedded Dual USB Host Controller IC V ers ion 1 .7 Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43 Appendix A – References Application, Technical Notes,Toolchain download and precompiled romfile links The following VNC2 documents and the full Vinculum-II Toolchain software suite can be downloaded by clicking on the appropriate links below: Technical note TN_108 Vinculum Chipset Feature Comparison Technical note TN_118 Vinculum-II Errata Technical Note Application note AN_118 Migrating Vinculum Designs From VNC1L to VNC2-48L1A Application note AN_137 Vinculum-II IO Cell Description Application note AN_138 Vinculum-II Debug Interface Description Application note AN_139 Vinculum-II IO Mux Explained Application note AN_140 Vinculum-II PWM Example Application note AN_142 Vinculum-II Toolchain Getting Started Guide Application note AN_144 Vinculum-II IO_Mux Configuration Utility User Guide Application note AN_145 Vinculum-II Toolchain Installation Guide Application note AN_151 Vinculum-II User Guide VNC2 FTDI Web Page Vinculum-II Web Page The following application notes provide pre-compiled example rom files and complete source code to allow users to get started: Application note AN_182 : VNC2 UART to FT232 HostBridge Application note AN_183 : VNC2 UART to CDC Modem Bridge Application note AN_185 : VNC2 UART to USB HID Class HostBridge Application note AN_186 : an SPI Slave to USB Memory bridge Application note AN_187 : VNC2 UART to USB Memory Bridge Application note AN_192 : an SPI Master to a USB HID class host bridge Application note AN_193 : an SPI Master to a USB HID class host bridge Application note AN_194 : VNC2 UART to HID Class device bridge Application note AN_195 : an SPI Master to UART bridge Application note AN_199 : VNC2 SPI Slave to HID Class device bridge Application note AN_203 : Loading VNC2 ROM files Using V2PROG Utility For the most up to date pre-compiled rom files, please refer to the following FTDI webpage http://www.ftdichip.com/Firmware/Precompiled.htm |