전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTNS3C94NZ 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 NTNS3C94NZ
상세설명  Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTNS3C94NZ 데이터시트(HTML) 5 Page - ON Semiconductor

  NTNS3C94NZ_16 Datasheet HTML 1Page - ON Semiconductor NTNS3C94NZ_16 Datasheet HTML 2Page - ON Semiconductor NTNS3C94NZ_16 Datasheet HTML 3Page - ON Semiconductor NTNS3C94NZ_16 Datasheet HTML 4Page - ON Semiconductor NTNS3C94NZ_16 Datasheet HTML 5Page - ON Semiconductor NTNS3C94NZ_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTNS3C94NZ
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 12. FET Thermal Response
t, TIME (s)
10
0.001
0.01
0.0001
1
0.00001
0.1
0.000001
1
100
10000
10
100
1000
Duty Cycle = 0.5
0.2
0.1
Single Pulse
0.05
0.02
0.01
1000



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com