| 전자부품 데이터시트 검색엔진 |
|
MF10AJ 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MF10AJ 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 20 page ![]() Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage (Va b Vb) 14V Voltage at Any Pin Va a 03V Vb b 03V Input Current at Any Pin (Note 2) 5 mA Package Input Current (Note 2) 20 mA Power Dissipation (Note 3) 500 mW Storage Temperature 150 C ESD Susceptability (Note 11) 2000V Soldering Information N Package 10 sec 260 C J Package 10 sec 300 C SO Package Vapor Phase (60 Sec) 215 C Infrared (15 Sec) 220 C See AN-450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ (Appendix D) for other methods of soldering surface mount devices Operating Ratings (Note 1) Temperature Range TMIN s TA s TMAX MF10ACN MF10CCN 0 C s TA s 70 C MF10CCWM MF10ACWM 0 C s TA s 70 C MF10CCJ b 40 C s TA s 85 C MF10AJ b 55 C s TA s 125 C Electrical Characteristics Va ea500V and Vb eb500V unless otherwise specified Boldface limits apply for TMIN to TMAX all other limits TA e TJ e 25 C MF10ACN MF10CCN MF10CCJ MF10AJ MF10ACWM MF10CCWM Symbol Parameter Conditions Typical Tested Design Typical Tested Design Units (Note 8) Limit Limit (Note 8) Limit Limit (Note 9) (Note 10) (Note 9) (Note 10) Va b Vb Supply Voltage Min 99 V Max 14 14 V IS Maximum Supply Clock Applied to Pins 10 11 812 12 8 12 mA Current No Input Signal fO Center Frequency Min fO c Q k 200 kHz 01 02 01 02 Hz Range Max 30 20 30 20 kHz fCLK Clock Frequency Min 50 10 50 10 Hz Range Max 15 10 15 10 MHz fCLK fO 501 Clock to MF10A Q e 10 Vpin12 e 5V g 02 g 06 g 06 g 02 g 10 % Center Frequency MF10C Mode 1 fCLK e 250 kHz g 02 g 15 g 15 g 02 g 15 % Ratio Deviation fCLK fO 1001 Clock to MF10A Q e 10 Vpin12 e 0V g 02 g 06 g 06 g 02 g 10 % Center Frequency MF10C Mode 1 fCLK e 500 kHz g 02 g 15 g 15 g 02 g 15 % Ratio Deviation Clock Feedthrough Q e 10 10 10 mV Mode 1 Q Error (MAX) Q e 10 Vpin12 e 5V g 2 g 6 g 6 g 2 g 10 % (Note 4) Mode 1 fCLK e 250 kHz Vpin12 e 0V g 2 g 6 g 6 g 2 g 10 % fCLK e 500 kHz HOLP DC Lowpass Gain Mode 1 R1 e R2 e 10k 0 g 02 g 02 0 g 02 dB VOS1 DC Offset Voltage (Note 5) g 50 g 20 g 20 g 50 g 20 mV VOS2 DC Offset Voltage Min Vpin12 ea5V SAB e Va b 150 b 185 b 185 b 150 b 185 mV (Note 5) Max (fCLK fO e 50) b 85 b 85 b 85 Min Vpin12 ea5V SAB e Vb b 70 b 70 mV Max (fCLK fO e 50) VOS3 DC Offset Voltage Min Vpin12 ea5V All Modes b 70 b 100 b 100 b 70 b 100 mV (Note 5) Max (fCLK fO e 50) b 20 b 20 b 20 VOS2 DC Offset Voltage Vpin12 e 0V SAB e Va b 300 b 300 mV (Note 5) (fCLK fO e 100) Vpin12 e 0V SAB e Vb b 140 b 140 mV (Note 5) (fCLK fO e 100) VOS3 DC Offset Voltage Vpin12 e 0V All Modes b 140 b 140 mV (Note 5) (fCLK fO e 100) 2 |