전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

16TTS08FP 데이터시트(PDF) 6 Page - International Rectifier

부품명 16TTS08FP
상세설명  PHASE CONTROL SCR TO-220 FULLPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

16TTS08FP 데이터시트(HTML) 6 Page - International Rectifier

  16TTS08FP Datasheet HTML 1Page - International Rectifier 16TTS08FP Datasheet HTML 2Page - International Rectifier 16TTS08FP Datasheet HTML 3Page - International Rectifier 16TTS08FP Datasheet HTML 4Page - International Rectifier 16TTS08FP Datasheet HTML 5Page - International Rectifier 16TTS08FP Datasheet HTML 6Page - International Rectifier 16TTS08FP Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
16TTS.. S
SAFEIR Series
Bulletin I2105 rev. D 12/98
www.irf.com
9G3A
16TTS16S
9512
EXAMPLE: THIS IS AN 16TTS16S
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
Marking Information
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
Tape & Reel Information
Dimensions in millimeters and inches
TRR
FEED DIRECTION
TRL
FEED DIRECTION
10 .90 (0.4 29)
10 .70 (0.4 21)
16 .10 (0.6 34)
15 .90 (0.6 26)
1.75 (0 .06 9)
1.25 (0 .04 9)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15 .42 (0.6 09)
15 .22 (0.6 01)
4.72 (0 .18 6)
4.52 (0 .17 8)
24 .30 (0 .95 7)
23 .90 (0 .94 1)
0.368 (0.0145)
0.342 (0.0135)
360 (1 4.173)
DIA. MAX.
26 .40 (1.0 39)
24 .40 (0.9 61)
13.50 (0.532)
12.80 (0.504)
DIA.
60 (2 .362)
DIA. MIN.
SMD-220 Tape & Reel
When orderi ng, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and T RR.
(K)
(G)
(A)



Html Pages

1 2 3 4 5 6 7