전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G17 데이터시트(PDF) 12 Page - NXP Semiconductors

부품명 74LVC2G17
상세설명  Dual non-inverting Schmitt-trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G17 데이터시트(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC2G17 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G17 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2004 Sep 08
12
Philips Semiconductors
Product specification
Dual non-inverting Schmitt-trigger with
5 V tolerant input
74LVC2G17
APPLICATION INFORMATION
23
4
ICC
(mA)
6
VCC (V)
50
0
40
5
30
20
10
mnb073
Fig.11 Average ICC for 74LVC2G17.
Linear change of VI between 0.8 V to 2.0 V.
All values given are typical unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com