전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29PL160CB-70REI 데이터시트(PDF) 38 Page - Advanced Micro Devices

부품명 AM29PL160CB-70REI
상세설명  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160CB-70REI 데이터시트(HTML) 38 Page - Advanced Micro Devices

Back Button AM29PL160CB-70REI Datasheet HTML 34Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 35Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 36Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 37Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 38Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 39Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 40Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 41Page - Advanced Micro Devices AM29PL160CB-70REI Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
June 12, 2002
Am29PL160C
37
AC CHARACTERISTICS
Notes:
1. PA = program address, PD = program data, DQ7# = complement of the data written to the device, DOUT = data written to the
device.
2. Figure indicates the last two bus cycles of the command sequence.
3. Word mode address used as an example.
tGHEL
tWS
OE#
CE#
WE#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tWHWH1 or 2
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
Figure 20.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44