전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F032B-150EE 데이터시트(PDF) 27 Page - Advanced Micro Devices

부품명 AM29F032B-150EE
상세설명  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-150EE 데이터시트(HTML) 27 Page - Advanced Micro Devices

Back Button AM29F032B-150EE Datasheet HTML 23Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 24Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 25Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 26Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 27Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 28Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 29Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 30Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
26
Am29F032B
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested.
Parameter
Description
All Speed Options
JEDEC
Std
Test Setup
Unit
t
READY
RESET# Pin Low (During Embedded
Algorithms) to Read or Write (See Note)
Max
20
µs
t
READY
RESET# Pin Low (NOT During Embedded
Algorithms) to Read or Write (See Note)
Max
500
ns
t
RP
RESET# Pulse Width
Min
500
ns
t
RH
RESET# High Time Before Read (See Note)
Min
50
ns
t
RB
RY/BY# Recovery Time
Min
0
ns
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB
Figure 10.
RESET# Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39