전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVAL6207Q 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 EVAL6207Q
상세설명  Dual full bridge with integrated PWM current controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6207Q 데이터시트(HTML) 5 Page - STMicroelectronics

  EVAL6207Q Datasheet HTML 1Page - STMicroelectronics EVAL6207Q Datasheet HTML 2Page - STMicroelectronics EVAL6207Q Datasheet HTML 3Page - STMicroelectronics EVAL6207Q Datasheet HTML 4Page - STMicroelectronics EVAL6207Q Datasheet HTML 5Page - STMicroelectronics EVAL6207Q Datasheet HTML 6Page - STMicroelectronics EVAL6207Q Datasheet HTML 7Page - STMicroelectronics EVAL6207Q Datasheet HTML 8Page - STMicroelectronics EVAL6207Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID025098 Rev 1
5/10
EVAL6207Q
Bill of material
10
3
Bill of material
Table 4. Bill of material
Index Quantity
Reference
Value
Package
11
C2
100
F/63 V
CAPES-R10H10
2
1
C2A
100
F/63 V (option)
CAPE-R8H12-P35
3
1
C1
220 nF/16 V
CAPC-0603
4
2
C3, C5
100 nF/4 V
CAPC-0603
5
2
C4, C6
100 nF/100 V
CAPC-0805
6
1
C7
10 nF/100 V
CAPC-0805
7
2
C8, C9
5.6 nF/6.3 V
CAPC-0603
8
2
C10, C11
68 nF/6.3 V
CAPC-0603
9
2
C14, C15
820 pF/6.3 V
CAPC-0603
10
2
C12, C13
NM
CAPC-0603
11
1
D1
BAT54SFILM
SOT-23
12
3
J1, J5, J6
Screw connector 2 poles
MORSV-508-2P
13
1
J2
Pol. IDC male header vertical 30 poles
CON-FLAT-15X2-180M
14
1
J9
N.M.
STRIP254P-M-4
15
1
RN1
56 k
RESN-CAY16
16
1
R1
N.M.
RESC-0603
17
1
R2
10 k
/1%
RESC-0603
18
1
R3
0
RESC-0603
19
1
R4
16.9 k
/1%
RESC-0603
20
1
R5
100
RESC-0603
21
4
R6, R7, R8, R17
100 k
RESC-0603
22
2
R10, R14
4.3 k
RESC-0603
23
2
R11, R16
1 k
RESC-0603
24
4
R18, R19, R20, R21
0.4
/1 W
RESC-2512
25
2
R22, R23
N.M.
RESC-0603
26
2
P1, P2
200 k
TRIMM-100X50X110-64W
27
2
R24, R25
12 k
RESC-0603
28
1
TP1
TPTH-RING-1MM RED
TPTH-RING-1MM
29
2
TP2, TP3
TPTH-RING-1MM BLACK
TPTH-RING-1MM
30
1
U1
L6207Q
QFN7X7_48L



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com