| 전자부품 데이터시트 검색엔진 |
|
M24SR02-Y 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24SR02-Y 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 90 page ![]() DocID025386 Rev 10 39/90 M24SR02-Y I²C and RF command sets 78 Table 29 defines the R-APDU of the CC Select command. 5.6.5 NDEF Select command The RF or I²C host uses the NDEF Select command to select the NDEF file. The NDEF file is selected when this command returns “command completed” in the R- APDU. Table 30 defines the C-APDU of the Select command to select the NDEF file (called NDEF Select). In case of a password is required to access the NDEF file, the NDEF Select command will disable any previously granted access rights to this file. The Verify command might be required to access the file. Table 28. C-APDU of the Capability Container Select command Name CLA INS P1 P2 Lc Data Le Value 0x00 0xA4 0x00 0x0C 0x02 0xE103 - Class byte Select instruction code P1 field P2 field Number of bytes of data CC file ID - Table 29. R-APDU of the Capability Container Select command Data SW1 SW2 Comment Length - 1 byte 1 byte - Value - 0x90 0x00 Command completed Value - 0x6A 0x82 File or application not found Value - 0x6D 0x00 Class not supported Table 30. C-APDU of the NDEF Select command Name CLA INS P1 P2 Lc Data Le Value 0x00 0xA4 0x00 0x0C 0x02 0x000X - Class byte Select instruction code P1 field P2 field Number of bytes of data 0x0001: first NDEF file - |