전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC57S 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 SPC57S
상세설명  User push buttons and LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC57S 데이터시트(HTML) 2 Page - STMicroelectronics

  SPC57S Datasheet HTML 1Page - STMicroelectronics SPC57S Datasheet HTML 2Page - STMicroelectronics SPC57S Datasheet HTML 3Page - STMicroelectronics SPC57S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
System requirements,HW and SW resources
SPC57S-Discovery
2/4
DocID028955 Rev 2
1
System requirements,HW and SW resources
1.1
System requirements
Windows PC
USB type A to mini-B cable (included)
1.2
Development toolchain
SPC5Studio
1.3
Demonstration software
Demonstration software is preloaded in the MCU flash memory for easy demonstration of
the SPC570S-DISP in stand-alone mode. For more information and to download the latest
version available, please refer to ST web.



Html Pages

1 2 3 4