전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC563M64AVB144 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 SPC563M64AVB144
상세설명  Allows system calibration regardless of availability of standard MCU external bus
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64AVB144 데이터시트(HTML) 2 Page - STMicroelectronics

  SPC563M64AVB144 Datasheet HTML 1Page - STMicroelectronics SPC563M64AVB144 Datasheet HTML 2Page - STMicroelectronics SPC563M64AVB144 Datasheet HTML 3Page - STMicroelectronics SPC563M64AVB144 Datasheet HTML 4Page - STMicroelectronics SPC563M64AVB144 Datasheet HTML 5Page - STMicroelectronics SPC563M64AVB144 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Order codes
SPC563M64AVB144/176
2/6
Doc ID 023382 Rev 3
1
Order codes
Table 1.
Device summary
Part number
Reference
SPC563M64AVB144
Calibration System for SPC563M64 mcu in
QFP144 target package.
SPC563M64AVB176
Calibration System for SPC563M64 mcu in
QFP176 target package.
POLYPOD-TQ144
TQ-PolyPod for QFP144 targets.
POLYPOD-TQ176
TQ-PolyPod for QFP176 targets.
SPC56xVTOP-M
RAM/Debug Top Board for SPC563M64 Vertical
Base boards.



Html Pages

1 2 3 4 5 6